Electronic Components Datasheet Search
  English  ▼

X  

MMUN2111 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # MMUN2111
Description  Bias Resistor Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMUN2111 Datasheet(HTML) 3 Page - Leshan Radio Company

  MMUN2111 Datasheet HTML 1Page - Leshan Radio Company MMUN2111 Datasheet HTML 2Page - Leshan Radio Company MMUN2111 Datasheet HTML 3Page - Leshan Radio Company MMUN2111 Datasheet HTML 4Page - Leshan Radio Company MMUN2111 Datasheet HTML 5Page - Leshan Radio Company MMUN2111 Datasheet HTML 6Page - Leshan Radio Company MMUN2111 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
Q1–3/7
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
M a x
Unit
Output Voltage (off) (VCC= 5.0V, VB = 0.5 V, RL = 1.0k
Ω)V
OH
4.9
—
—
Vdc
(VCC= 5.0V, VB = 0.25 V, RL =1.0k
Ω)
MMUN2115RLT1
MMUN2116RLT1
MMUN2131RLT1
MMUN2132RLT1
(VCC=5.0 V,VB=0.050V,RL=1.0k
Ω)
MMUN2130RLT1
Input Resistor
MMUN2111RLT1
R 1
7.0
10
13
k
Ω
MMUN2112RLT1
15.4
22
28.6
MMUN2113RLT1
32.9
47
61.1
MMUN2114RLT1
7.0
10
13
MMUN2115RLT1
7.0
10
13
MMUN2116RLT1
3.3
4.7
6.1
MMUN2130RLT1
0.7
1.0
1.3
MMUN2131RLT1
1.5
2.2
2.9
MMUN2132RLT1
3.3
4.7
6.1
MMUN2133RLT1
3.3
4.7
6.1
MMUN2134RLT1
15.4
22
28.6
Resistor Ratio MMUN2111RLT1 MMUN2112RLT1 MMUN2113RLT1
R 1 /R 2
0.8
1.0
1.2
MMUN2114RLT1
0.17
0.21
0.25
MMUN2115RLT1 MMUN2116RLT1
——
—
MMUN2130RLT1 MMUN2131RLT1 MMUN2132RLT1
0.8
1.0
1.2
MMUN2133RLT1
0.055
0.1
0.185
MMUN2111RLT1 SERIES



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com