Electronic Components Datasheet Search
  English  ▼

X  

MMUN2111 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MMUN2111
Description  Bias Resistor Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMUN2111 Datasheet(HTML) 1 Page - Leshan Radio Company

  MMUN2111 Datasheet HTML 1Page - Leshan Radio Company MMUN2111 Datasheet HTML 2Page - Leshan Radio Company MMUN2111 Datasheet HTML 3Page - Leshan Radio Company MMUN2111 Datasheet HTML 4Page - Leshan Radio Company MMUN2111 Datasheet HTML 5Page - Leshan Radio Company MMUN2111 Datasheet HTML 6Page - Leshan Radio Company MMUN2111 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
Q1–1/7
MAXIMUM RATINGS (T
A = 2
5°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
V CEO
50
Vdc
Collector Current
I C
100
mAdc
Total Power Dissipation @ T A = 2
5°C (1)
P D
200
mW
Derate above 2
5°C
1.6
mW
/°C
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance — Junction-to-Ambient (surface mounted)
R θ JA
625
°C/W
Operating and Storage Temperature Range
T J , T stg
–65 to +150
°C
Maximum Temperature for Soldering Purposes
T L
260
°C
Time in Solder Bath
10
Sec
DEVICE MARKING AND RESISTOR VALUES
Device
Marking
R1 (K)
R2 (K)
MMUN2111LT1
A6A
10
10
MMUN2112LT1
A6B
22
22
MMUN2113LT1
A6C
47
47
MMUN2114LT1
A6D
10
47
MMUN2115LT1(2)
A6E
10
1. Device mounted on a FR-4 glass epoxy printed circuit board using the minimum recommended footprint.
2. New devices. Updated curves to follow in subsequent data sheets.
MMUN2111RLT1
MMUN2112RLT1
MMUN2113RLT1
MMUN2114RLT1
MMUN2115RLT1
MMUN2116RLT1
MMUN2130RLT1
MMUN2131RLT1
MMUN2132RLT1
MMUN2133RLT1
MMUN2134RLT1
1
3
2
CASE
318–08, STYLE 6
SOT– 23 (TO–236AB)
Bias Resistor Transistor
PNP Silicon Surface Mount Transistor with
Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single device and its
external resistor bias network. The BRT (Bias Resistor Transistor) contains a single transis-
tor with a monolithic bias network consisting of two resistors; a series base resistor and a
base-emitter resistor.The BRT eliminates these individual components by integrating them
into a single device. The use of a BRT can reduce both system cost and board space. The
device is housed in the SOT-23 package which is
designed for low power surface mount applications.
∗ Simplifies Circuit Design
∗ Reduces Board Space
∗ Reduces Component Count
∗ The SOT-23 package can be soldered using wave or
reflow. The modified gull-winged leads absorb thermal
stress during soldering eliminating the possibility of
damage to the die.
∗ Available in 8 mm embossed tape and reel. Use the
Device Number to order the 7 inch/3000 unit reel.
Replace “T1” with “T3” in the Device Number to order
the 13 inch/10,000 unit reel
R1
R2
PIN3
Collector
(output)
PIN1
base
(Input)
PIN2
Emitter
(Ground)
PNP SILICON
BIAS RESISTOR
TRANSISTOR


Similar Part No. - MMUN2111

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111L ONSEMI-MMUN2111L Datasheet
146Kb / 12P
Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
December, 2013 ??Rev. 7
MMUN2111L ONSEMI-MMUN2111L Datasheet
149Kb / 12P
Digital Transistors (BRT) R1 = 10 k, R2 = 10 k PNP Transistors with Monolithic Bias Resistor Network
December, 2013 ??Rev. 7
MMUN2111L ONSEMI-MMUN2111L Datasheet
184Kb / 12P
Digital Transistors (BRT)
October, 2016 ??Rev. 8
MMUN2111L ONSEMI-MMUN2111L Datasheet
108Kb / 12P
Digital Transistors (BRT)
July, 2018 ??Rev. 9
More results

Similar Description - MMUN2111

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
Bias Resistor Transistor
logo
ON Semiconductor
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
Bias Resistor Transistor
October, 2004 ??Rev. 7
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
Bias Resistor Transistor
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
Bias Resistor Transistor
February, 2006 ??Rev. 8
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
Bias Resistor Transistor
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
Bias Resistor Transistor
LDTB113ZLT1G LRC-LDTB113ZLT1G_15 Datasheet
282Kb / 3P
Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com