Electronic Components Datasheet Search
  English  ▼

X  

MUN2132RT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # MUN2132RT1
Description  Bias Resistor Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MUN2132RT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  MUN2132RT1 Datasheet HTML 1Page - Leshan Radio Company MUN2132RT1 Datasheet HTML 2Page - Leshan Radio Company MUN2132RT1 Datasheet HTML 3Page - Leshan Radio Company MUN2132RT1 Datasheet HTML 4Page - Leshan Radio Company MUN2132RT1 Datasheet HTML 5Page - Leshan Radio Company MUN2132RT1 Datasheet HTML 6Page - Leshan Radio Company MUN2132RT1 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
P1–3/7
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
M a x
Unit
Output Voltage (off) (VCC= 5.0V, VB = 0.5 V, RL = 1.0k
Ω)V
OH
4.9
—
—
Vdc
(VCC= 5.0V, VB = 0.050 V, RL =1.0k
Ω)
MUN2130RT1
(VCC= 5.0V, VB = 0.25 V, RL =1.0k
Ω)
MUN2115RT1
MUN2116RT1
MUN2131RT1
MUN2132RT1
Input Resistor
MUN2111RT1
R 1
7.0
10
13
k
Ω
MUN2112RT1
15.4
22
28.6
MUN2113RT1
32.9
47
61.1
MUN2114RT1
7.0
10
13
MUN2115RT1
7.0
10
13
MUN2116RT1
3.3
4.7
6.1
MUN2130RT1
0.7
1.0
1.3
MUN2131RT1
1.5
2.2
2.9
MUN2132RT1
3.3
4.7
6.1
MUN2133RT1
3.3
4.7
6.1
MUN2134RT1
15.4
22
28.6
Resistor Ratio MUN2111RT1 MUN2112RT1 MUN2113RT1
R 1 /R 2
0.8
1.0
1.2
MUN2114RT1
0.17
0.21
0.25
MUN2115RT1 MUN2116RT1
——
—
MUN2130RT1 MUN2131RT1 MUN2132RT1
0.8
1.0
1.2
MUN2133RT1
0.055
0.1
0.185
MUN2134RT1
0.38
0.47
0.56
MUN2111RT1 SERIES



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com