Electronic Components Datasheet Search
  English  ▼

X  

MUN2132RT1 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # MUN2132RT1
Description  Bias Resistor Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MUN2132RT1 Datasheet(HTML) 4 Page - Leshan Radio Company

  MUN2132RT1 Datasheet HTML 1Page - Leshan Radio Company MUN2132RT1 Datasheet HTML 2Page - Leshan Radio Company MUN2132RT1 Datasheet HTML 3Page - Leshan Radio Company MUN2132RT1 Datasheet HTML 4Page - Leshan Radio Company MUN2132RT1 Datasheet HTML 5Page - Leshan Radio Company MUN2132RT1 Datasheet HTML 6Page - Leshan Radio Company MUN2132RT1 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
P1–4/7
1000
100
10
1
10
100
4
3
2
1
0
010
20
30
40
50
250
200
150
100
50
0
–50
0
50
10
150
1
0.1
0.01
MUN2111RT1 SERIES
T A = –25°C
TYPICAL ELECTRICAL CHARACTERISTICS
MUN2111RT1
AMBIENTTEMPERATURE(°C)
Figure 1. Derating Curve
I C , COLLECTOR CURRENT (mA)
Figure 2. V CE(sat) versus I C
I C , COLLECTOR CURRENT (mA)
Figure 3. DC Current Gain
V R , REVERSE BIAS VOLTAGE (VOLTS)
Figure 4. Output Capacitance
V in , INPUT VOLTAGE (VOLTS)
Figure 5. Output Current versus Input Voltage
I C, COLLECTOR CURRENT (mA)
Figure 6. Input Voltage versus Output Current
020
40
60
80
100
10
1
0.1
0.01
0.001
01
2
3
4
5
6
7
8
9
10
100
10
1
0.1
010
2030
40
50
25°C
T A =75°C
–25°C
75°C
25°C
T A = –25°C
25°C
75°C
f = 1 MHz
l E = 0 V
T A = 25°C
V O = 5 V
I C /I B =10
V CE = 10 V
T A = –25°C
25°C
75°C
V O = 0.2 V
R θJA = 625°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com