Electronic Components Datasheet Search
  English  ▼

X  

LS7237 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7237
Description  TOUCH CONTROL LAMP STEP DIMMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7237 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7237 Datasheet HTML 1Page - LSI Computer Systems LS7237 Datasheet HTML 2Page - LSI Computer Systems LS7237 Datasheet HTML 3Page - LSI Computer Systems LS7237 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
DC Supply Voltage
VSS
+20
V
Any Input Voltage
VIN
VSS -20 to VSS +0.5
V
Operating Temperature
TA
0 to +80
˚C
Storage Temperature
TSTG
-65 to +150
˚C
DC ELECTRICAL CHARACTERISTICS:
(TA = 25˚C, all voltages referenced to VDD)
PARAMETER
SYMBOL
MIN
TYPE
MAX
UNIT
CONDITION
Supply Voltage
VSS
+12
–
+18
V
-
Supply Current
ISS
–
1.0
1.4
mA
VSS = +15V,
output off
Input Voltages:
MODE LO
VIZL
0
–
VSS-9
V
-
MODE HI
VIZH
VSS-1.5
–
VSS
V
-
SYNC LO
VIRL
0
–
VSS-9.5
V
-
SYNC HI
VIRH
VSS-5.5
–
VSS
V
-
SENS LO
VIOL
0
–
VSS-8
V
-
SENS HI
VIOH
VSS-2
–
VSS
V
-
EXT LO
VIVL
0
–
VSS-8
V
-
EXT HI
VIVH
VSS-2
–
VSS
V
-
Input Current:
SYNC, SENS, EXT HI
IIH
–
–
110
µA
With Series 1.5M
Ω
Resistor to
115VAC Line
SYNC, SENS, EXT LO
IL
–
–
100
nA
-
TRIG HI Voltage
VOH
–
VSS
–
V
-
TRIG LO Voltage
VOL
–
VSS-8
–
V
VSS = +15V
TRIG Sink Current
IOS
25
–
–
mA
VSS = +15V
VOL = VSS-4V
TIMING CHARACTERISTICS (See Figures 2 and 3):
All timings are based on fs = 60Hz, unless otherwise specified. 50Hz timings are 1.2 times 60Hz timings.
PARAMETER
SYMBOL
MIN
TYPE
MAX
UNIT
SYNC Frequency
fs
40
-
70
Hz
SENS/EXT Duration
TS1
50
-
Infinite
ms
TRIG Pulse Width
TW
-
33
-
µs
7237-041395-3
OUTPUT
DRIVER
DIGITAL
COMPARATOR
Ø
MEMORY
PHASE
LOCK
LOOP
CONTROL
LOGIC
BUF
BUF
BUF
BUF
SYNC
CAP
MODE
EXT
SENS
VSS
VDD
FIGURE 4
LS7237 BLOCK DIAGRAM
4
3
2
6
5
1
7
(+V)
(-V)
8
TRIG
Ø
POINTER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com