Electronic Components Datasheet Search
  English  ▼

X  

LS7237 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7237
Description  TOUCH CONTROL LAMP STEP DIMMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7237 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7237 Datasheet HTML 1Page - LSI Computer Systems LS7237 Datasheet HTML 2Page - LSI Computer Systems LS7237 Datasheet HTML 3Page - LSI Computer Systems LS7237 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TOUCH CONTROL LAMP STEP DIMMER
DESCRIPTION:
LS7237 is a monolithic, MOS integrated circuit designed
to control the brightness of an incandescent lamp. The
output of the LS7237 triggers a triac connected in series
with a lamp(See Figure 5). The lamp brightness is de-
termined by controlling the output conduction angle (triac
triggering angle) in relation to the AC line frequency (See
Figure 2).
The output conduction angle can be varied by applying a
low level pulse at the SENS input or a high level pulse at
the EXT input. When implemented as shown in Figure 5,
this is accomplished by touching the Touch Plate which
causes the lamp brightness to change in specified steps
as follows:
LEVEL
BRIGHTNESS (% Rated Wattage)
Off
0
Night Light
9
Mood Light
29
Medium
66
Maximum
99
The LS7237 can operate in one of three different modes
selected by the MODE input. The Brightness Sequences
produced by the different modes are as follows:
MODE
BRIGHTNESS SEQUENCE
0
Off-Max-Off
1
Off-Mood-Med-Max-Off
2
Off-Night-Mood-Med-Max-Off
After AC power-up, the output comes up in the OFF state.
Following that, every time the Touch Plate is touched, the
output steps to the next level of brightness. The next step
following the maximum brightness is the OFF state, in-
itiating a new sequence.
1
2
3
4
8
7
6
5
V DD (-V)
MODE
CAP
SYNC
TRIG
V SS (+V)
EXT
SENS
FIGURE 1
PIN ASSIGNMENT - TOP VIEW
7237-041100-1
April 1995
INPUT/OUTPUT DESCRIPTION:
VSS (Pin 1)
Supply voltage positive terminal.
MODE (Pin 2)
The operating mode for the circuit is selected by con-
necting this input as follows:
MODE INPUT
SELECTED MODE
VSS
Mode 0
VDD
Mode 1
Float
Mode 2
CAP (Pin 3)
PLL filter input capacitor. A 0.047µF capacitor should be
connected to this input.
SYNC (Pin 4)
The AC Line Frequency is applied to this input through an
external RC circuit (See Figure 5). The Phase-Lock Loop
in the IC synchronizes all internal timings to the AC signal
at the SYNC input.
SENS (Pin 5)
A low-level pulse applied to this input causes the TRIG out-
put to step to the next conduction angle in the sequence
selected by the MODE input. The change in conduction an-
gle takes place with the trailing edge of the SENS input
pulse.
FEATURES:
• PLL synchronization allows use as a Wall Switch
• Provides brightness control of an incandescent lamp
with a touch plate or mechanical switch
• Can control speed of shaded pole and universal AC motors
• Controls the "duty cycle" from 23% to 88% (conduction
angles for AC half-cycles between 45˚ and 158˚, respectively)
• Operates at 50Hz/60Hz line frequency
• Extension input for remote activation
• +12V to +18V DC Power Supply (VSS - VDD)
• 8-Pin Plastic DIP , 8-Pin SOIC-See Figure 1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747
(631) 271-0400 FAX (631) 271-0405
LS7237
UL
®
A3800


Similar Part No. - LS7237

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7231 LSI-LS7231 Datasheet
70Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7231 LSI-LS7231 Datasheet
75Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7231-7234 LSI-LS7231-7234 Datasheet
75Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7232 LSI-LS7232 Datasheet
75Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7232ND LSI-LS7232ND Datasheet
48Kb / 5P
TOUCH CONTROL LAMP DIMMER
More results

Similar Description - LS7237

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7231 LSI-LS7231 Datasheet
70Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7232NT LSI-LS7232NT Datasheet
55Kb / 7P
PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7232ND LSI-LS7232ND Datasheet
48Kb / 5P
TOUCH CONTROL LAMP DIMMER
LS7231-7234 LSI-LS7231-7234 Datasheet
75Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7541 LSI-LS7541 Datasheet
55Kb / 5P
TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7232NT LSI-LS7232NT_05 Datasheet
79Kb / 7P
PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com