Electronic Components Datasheet Search
  English  ▼

X  

STUD421S Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STUD421S
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD421S Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STUD421S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD421S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD421S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD421S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD421S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD421S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD421S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD421S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
S T U/D421S
6
F igure 10. G a te C ha rge
Q g, T otal G ate Charge (nC)
10
8
6
4
2
0
03
6
9
12
16
18
21
24
V DS =-24V
ID=-10A
Figure 9. C apacitance
V DS , Drain-to S ource Voltage (V )
0
5
10
15
20
25
30
1200
1000
800
600
400
200
0
Cis s
Cos s
Crs s
F igure 11. s witching cha ra cteris tics
R g, G ateR es is tance(
Ω)
5
Figure 12. Ma ximum S a fe
Opera ting Area
V DS , Drain-S ource V oltage (V )
60
10
1
0.1
0.03
0.1
1
10
30 50
V GS =-10V
Single P uls e
T A=25 C
R
DS
(O
N)
Lim
it
10m
s
100
ms
1s
DC
100
10
1
1
610
60 100
60
600
300
600
VDS=-24V,ID=-10A
VGS=-10V
Tr
Tf
TD(on)
TD(off)
Square W ave P uls e Duration (s ec)
F igure 13. Normalized T hermal T rans ient Impedance C urve
2
1
0.1
0.01
10
-5
10
-4
10
-3
10
-2
10
-1
110
D=0.5
0.2
0.1
0.05
0.02
0.01
P DM
t1
t2
1. R JA (t)=r (t) * R JA
2. R JA=S ee Datas heet
3. T JM-T A =P DM*R JA (t)
4. Duty C ycle, D=t1/t2
S ING LE P ULS E



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com