Electronic Components Datasheet Search
  English  ▼

X  

STUD421S Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STUD421S
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD421S Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STUD421S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD421S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD421S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD421S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD421S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD421S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD421S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD421S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
P-Channel Logic Level Enhancement Mode Field Effect Transistor
Aug.20,2006
SamHop Microelectronics Corp.
PRODUCT SUMMARY
VDSS
ID
RDS(ON) ( m
Ω ) Max
-10A
45 @ VGS = -10V
60 @ VGS = -4.5V
FEATURES
-40V
STU/D421S
TO-252 and TO-251 Package.
Super high dense cell design for low RDS(ON).
Rugged and reliable.
STU SERIES
TO-252AA(D-PAK)
STD SERIES
TO-251(l-PAK)
G
G
G
G
S
S
S
S
D
D
D
D
S
G
D
Parameter
Symbol
Unit
Drain-Source Voltage
VDS
V
Gate-Source Voltage
VGS
V
Drain Current-Continuous @Ta
-Pulsed
ID
50
A
A
A
W
IDM
Drain-Source Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and Storage
Temperature Range
TJ,TSTG
-55 to 175
C
a
a
a
b
-40
-10
20
-10
-50
25 C
70 C
Ta= 25 C
Ta=70 C
35
-8.3
A
Limit
THERMAL CHARACTERISTICS
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
R JC
3
50
R JA
/W
C
/W
C
ABSOLUTE MAXIMUM RATINGS (TA=25 C unless otherwise noted)
Green
Product


Similar Part No. - STUD421S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STUD420S SAMHOP-STUD420S Datasheet
97Kb / 8P
S uper high dense cell design for low R DS (ON).
STUD426S SAMHOP-STUD426S Datasheet
119Kb / 9P
Super high dense cell design for low RDS (ON).
STUD428S SAMHOP-STUD428S Datasheet
100Kb / 9P
S uper high dense cell design for low R DS (ON).
More results

Similar Description - STUD421S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD07N65 SAMHOP-SDUD07N65 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SP2106 SAMHOP-SP2106 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP2702 SAMHOP-SP2702 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP3902 SAMHOP-SP3902 Datasheet
118Kb / 7P
Super high dense cell design for low RDS(ON).
SP4401 SAMHOP-SP4401 Datasheet
129Kb / 8P
Super high dense cell design for low RDS(ON).
SP8007 SAMHOP-SP8007 Datasheet
120Kb / 8P
Super high dense cell design for low RDS(ON).
SP8076 SAMHOP-SP8076 Datasheet
85Kb / 6P
Super high dense cell design for low RDS(ON).
SP8601 SAMHOP-SP8601 Datasheet
103Kb / 7P
Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com