Electronic Components Datasheet Search
  English  ▼

X  

STUD438A Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STUD438A
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD438A Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STUD438A Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD438A Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD438A Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD438A Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD438A Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD438A Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD438A Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD438A Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
tp
V(BR )D SS
IAS
R G
IAS
0.0 1
tp
D.U .T
L
V DS
+
-
VDD
DR IVE R
A
15V
20V
F igure 13a.
F igure 13b.
Unc lamped
s
Inductive Te t Circuit
o
frm
Wave
s
Unc lamped Inductive
www.samhop.com.tw
Mar,15,2010
5
Square Wave Pulse Duration(sec)
Figure 14. Normalized Thermal Transient Impedance Curve
2
1
0.1
0.01
10
-5
10
-4
10
-3
10
-2
10
-1
110
D=0.5
0.2
0.1
0.05
0.02
0.01
P DM
t1
t2
1. R JA (t)=r (t) * R JA
2. R JA=S ee Datas heet
3. T JM-T A =P DM*R JA (t)
4. Duty C ycle, D=t1/t2
SING LE P ULS E
STU/D438A
Ver 1.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com