Electronic Components Datasheet Search
  English  ▼

X  

LXT331 Datasheet(PDF) 14 Page - Level One

Part # LXT331
Description  Dual T1/E1 Line Interface Unit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

LXT331 Datasheet(HTML) 14 Page - Level One

Back Button LXT331 Datasheet HTML 10Page - Level One LXT331 Datasheet HTML 11Page - Level One LXT331 Datasheet HTML 12Page - Level One LXT331 Datasheet HTML 13Page - Level One LXT331 Datasheet HTML 14Page - Level One LXT331 Datasheet HTML 15Page - Level One LXT331 Datasheet HTML 16Page - Level One LXT331 Datasheet HTML 17Page - Level One LXT331 Datasheet HTML 18Page - Level One Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
/;7êêì 'XDO 7ìî(ì /LQH ,QWHUIDFH 8QLW
ëðìíí
L1
)LJXUH ììã 7\SLFDO /;7êêì 7ì $SSOLFDWLRQ õ+RVW &RQWURO 0RGHñ %LSRODU ,î2ôô
ìïèéé 0+]
&ORFN 6RXUH
òè9
/;7êêì
0&/.
7567(
7&/.í
305.í
71(*í
105.í
7326í
7326ì
7&/.ì
71(*ì
305.ì
105.ì
'30ì
')0ì
'30í
')0í
ìãQ
77,3í
75,1*í
57,3í
55,1*í
9&&
*1'
ìãì
5W
ìíí Ω
éæí S)
íïì µ)
57,3ì
55,1*ì
ìãì
77,3ì
75,1*ì
05,1*í
07,3í
05,1*ì
07,3ì
ì µ)
ìãQ
éæí S)
5W
5W
ìíí Ω
7Rî)URP µ3 &RQWUROOHU
5W
òè 9
ì
ì
ì 7\SLFDO 9DOXHï $GMXVW
FDSDFLWRU DQG
WUDQVIRUPHU IRU ERDUG
SDUDVLWLFV WR REWDLQ
RSWLPXP UHWXUQ ORVVï
òè 9
çå µ)
çå µ)
0HGLDã ìíí Ω 7ZLVWHG 3DLU
/(1
;IPU 5DWLRì
5W 9DOXHë
5WQ /RVVê
íììðììì
ìãëïê
5W äïì Ω
ìå G%
127(6ã
ìï 7UDQVIRUPHU WXUQV UDWLR DFFXUDF\ LV ‘ ëøï
ëï 5W YDOXHV DUH ‘ ìøï
êï 7\SLFDO UHWXUQ ORVVñ èì N+] ð êïíæë 0+] EDQGï



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com