Electronic Components Datasheet Search
  English  ▼

X  

LXT331 Datasheet(PDF) 17 Page - Level One

Part # LXT331
Description  Dual T1/E1 Line Interface Unit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

LXT331 Datasheet(HTML) 17 Page - Level One

Back Button LXT331 Datasheet HTML 12Page - Level One LXT331 Datasheet HTML 13Page - Level One LXT331 Datasheet HTML 14Page - Level One LXT331 Datasheet HTML 15Page - Level One LXT331 Datasheet HTML 16Page - Level One LXT331 Datasheet HTML 17Page - Level One LXT331 Datasheet HTML 18Page - Level One LXT331 Datasheet HTML 19Page - Level One LXT331 Datasheet HTML 20Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ëðìíê
L1
7HVW 6SHFLILFDWLRQV
7DEOH ìëã (OHFWULFDO &KDUDFWHULVWLFV õ2YHU 5HFRPPHQGHG 2SHUDWLQJ 5DQJHô
3DUDPHWHU
6\P
0LQ
7\Sì
0D[
8QLWV 7HVW &RQGLWLRQV
7RWDO SRZHU GLVVLSDWLRQ ð 7ì ë
õ0D[LPXP OLQH OHQJWKñ æè Ω ORDGô
33
ð
ð
çåí
P:
ðéí WR òåè ƒ&
3'
ðð
çèí
P:
í WR òåè ƒ&
7RWDO SRZHU GLVVLSDWLRQ ð 7ì ê
õ0D[LPXP OLQH OHQJWKñ éê Ω ORDGô
33
ð
ð
ìííí
P:
ðéí WR òåè ƒ&
3'
ðð
äåí
P:
í WR òåè ƒ&
7RWDO SRZHU GLVVLSDWLRQ ð (ì ë
3'
ð
ð
èëí
P:
ìííø RQHV GHQVLW\
+LJK OHYHO LQSXW YROWDJH éñè
9,+
ëïí
ð
ð
9
/RZ OHYHO LQSXW YROWDJH éñè
9,/
ðð
íïå
9
+LJK OHYHO RXWSXW YROWDJH éñè
92+
ëïé
ð
ð
9
,287 ðéíí µΑ
/RZ OHYHO RXWSXW YROWDJH éñè
9R/
ðð
íïé
9
,287 ìïç P$
,QSXW OHDNDJH FXUUHQW ç
,//'
íð
‘ ìí
µ$
,QSXW OHDNDJH FXUUHQW æ
,//0
íð
‘ èí
µ$
7KUHHðVWDWH OHDNDJH FXUUHQW é
,6/
ðð
‘ ìí
µ$
77,3î75,1* OHDNDJH FXUUHQW
,75
ð
ð
ìïë
P$
LQ SRZHU GRZQ DQG WULðVWDWH
ìï 7\SLFDO ILJXUHV DUH DW ëè ƒ& DQG DUH IRU GHVLJQ DLG RQO\â QRW JXDUDQWHHG DQG QRW VXEMHFW WR SURGXFWLRQ WHVWLQJï
ëï ìííø ìV GHQVLW\ DQG PD[LPXP OLQH OHQJWKï 'ULYLQJ æè Ω ORDG RYHU RSHUDWLQJ WHPSHUDWXUH UDQJHï ,QFOXGHV GHYLFH DQG ORDGï 'LJLWDO
LQSXW OHYHOV DUH ZLWKLQ ìíø RI WKH VXSSO\ UDLOV DQG GLJLWDO RXWSXWV DUH GULYLQJ D èí S) FDSDFLWLYH ORDGï
êï ìííø ìV GHQVLW\ DQG PD[LPXP OLQH OHQJWKï 'ULYLQJ éê Ω ORDG õFRUUHVSRQGLQJ WR DQ 5W YDOXH RI äïì Ω DQG D ìãë WUDQVIRUPHU UDWLRô
RYHU RSHUDWLQJ UDQJHï LQFOXGH GHYLFH DQG ORDGï 'LJLWDO LQSXW OHYHOV DUH ZLWKLQ ìíø RI WKH VXSSO\ UDLOV DQG GLJLWDO RXWSXWV DUH GULYLQJ D
èí S) FDSDFLWLYH ORDGï
éï )XQFWLRQDOLW\ RI SLQV GHSHQGV RQ PRGHï
èï 2XWSXW GULYHUV ZLOO RXWSXW &026 ORJLF OHYHOV LQWR &026 ORDGVï
çï $OO GLJLWDO LQSXW SLQVï
æï )RU 07,3íñ 05,1*íñ 07,3ì $1' 05,1*ìï
7DEOH ìêã $QDORJ 6SHFLILFDWLRQV õ2YHU 5HFRPPHQGHG 2SHUDWLQJ 5DQJHô
3DUDPHWHU
0LQ
7\Sì
0D[
8QLWV
7HVW &RQGLWLRQV
$0, RXWSXW SXOVH DPSOLWXGHV
'6;ðì
ëïé
êïí
êïç
9
PHDVXUHG DW WKH '6;
(ì õìëí Ω)
ëïæ
êïí
êïê
9
PHDVXUHG DW OLQH VLGH
(ì õæè Ω)
ëïìê
ëïêæ
ëïçì
9
PHDVXUHG DW OLQH VLGH
7UDQVPLW DPSOLWXGH YDULDWLRQ ZLWK VXSSO\ ê
ðì
ëïè
ø
5HFRPPHQGHG RXWSXW ORDG DW 77,3 DQG 75,1*
ð
æè
ð
Ω
'ULYHU RXWSXW LPSHGDQFH ê
ðê
ìí
Ω
# ææë N+]
-LWWHU DGGHG E\ WKH WUDQVPLWWHU ë
ìí +] ð åN+] ê
ð
íïííè
íïíì
8,
7ì -LWWHU %DQGV
åN+] ðéí N+] ê
ð
íïíìè
íïíëè
8,
ìí +] ð éí +] ê
ð
íïíë
íïíëè
8,
%URDG EDQG
ð
íïíê
íïíè
8,
ìï 7\SLFDO ILJXUHV DUH DW ëè ƒ& DQG DUH IRU GHVLJQ DLG RQO\â QRW JXDUDQWHHG DQG QRW VXEMHFW WR SURGXFWLRQ WHVWLQJï
ëï ,QSXW VLJQDO DW 7&/. LV MLWWHUðIUHHï
êï 1RW SURGXFWLRQ WHVWHGñ EXW JXDUDQWHHG E\ GHVLJQ DQG RWKHU FRUUHODWLRQ PHWKRGVï



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com