Electronic Components Datasheet Search
  English  ▼

X  

WCS1600 Datasheet(PDF) 1 Page - Winson Semiconductor Corp.

Part # WCS1600
Description  Hall Effect Base Linear Current Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WCS1600 Datasheet(HTML) 1 Page - Winson Semiconductor Corp.

  WCS1600 Datasheet HTML 1Page - Winson Semiconductor Corp. WCS1600 Datasheet HTML 2Page - Winson Semiconductor Corp. WCS1600 Datasheet HTML 3Page - Winson Semiconductor Corp. WCS1600 Datasheet HTML 4Page - Winson Semiconductor Corp. WCS1600 Datasheet HTML 5Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WCS1600
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2015/5/27
Hall Effect Base Linear Current Sensor
Features:
 Diameter 9.0mm conductor through hole
 Output voltage proportional to AC and DC current
 Wide sensing current range 0~100A at 5V volt
 High sensitivity 20mV/A
 Wide operating voltage range 3.0~12 V.
 Low operating current 3mA
 Isolation voltage 4000V
 Ratiometric output from supply voltage
 23K Hz Bandwidth
 Two bronze sticks for easy soldering on PCB
Functional Description:
The Winson WCS1600 current sensor provides economical and precise
solution for both DC and AC current sensing in industrial, commercial and
communications systems. The unique package provides easy implementation
without breaking original system and makes current sensing possible. Typical
applications include motor control, load detection and management,
over-current fault detection and any intelligent power management system
etc…
The WCS1600 consists of a precise, low-temperature drift linear hall
sensor IC with temperature compensation circuit and a diameter 9.0mm
through hole. Users can use system’s own electric wire by pass it through this
hole to measure passing current.
This design allows system designers to
monitor any current path without breaking or changing original system layout
at all. Any current flowing through this hole will generate a magnetic field
which is sensed by the integrated Hall IC and converted into a proportional
voltage.
The terminals of the conductive path are electrically isolated from the
sensor leads. This allows the WCS1600 current sensor to be used in
applications requiring electrical isolation without the use of opto-isolators or
other costly isolation techniques and make system more competitive in cost.


Similar Part No. - WCS1600

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS1600 WINSON-WCS1600_17 Datasheet
480Kb / 5P
Hall Effect Base Linear Current Sensor
More results

Similar Description - WCS1600

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS1702 WINSON-WCS1702 Datasheet
159Kb / 3P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2702 WINSON-WCS2702 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2705 WINSON-WCS2705 Datasheet
457Kb / 5P
Hall Effect Base Linear Current Sensor
WCS6800 WINSON-WCS6800 Datasheet
628Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1500 WINSON-WCS1500_17 Datasheet
477Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800_17 Datasheet
482Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2750 WINSON-WCS2750_17 Datasheet
428Kb / 3P
Hall Effect Base Linear Current Sensor
logo
DIWELL Electronics Co.,...
WCS2800 DIWELL-WCS2800 Datasheet
496Kb / 5P
Hall Effect Base Linear Current Sensor
2017/4/19
WCS374 DIWELL-WCS374 Datasheet
865Kb / 5P
Hall Effect Base Linear Current Sensor
2017/12/20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com