Electronic Components Datasheet Search
  English  ▼

X  

WCS1600 Datasheet(PDF) 3 Page - Winson Semiconductor Corp.

Part # WCS1600
Description  Hall Effect Base Linear Current Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WCS1600 Datasheet(HTML) 3 Page - Winson Semiconductor Corp.

  WCS1600 Datasheet HTML 1Page - Winson Semiconductor Corp. WCS1600 Datasheet HTML 2Page - Winson Semiconductor Corp. WCS1600 Datasheet HTML 3Page - Winson Semiconductor Corp. WCS1600 Datasheet HTML 4Page - Winson Semiconductor Corp. WCS1600 Datasheet HTML 5Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WCS1600
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2015/5/27
Electrical Characteristics:
(T=+25
˚C, Vdd=5.0V )
Characteristic
Symbol
Test Conditions
Min
Typ Max Units
Supply Voltage
Vdd
─
3.0
─
12
V
Supply Current
Isupply
IP =0 A
─
3.5
6.0
mA
Zero Current Vout
V0G
IP =0 A
2.4
2.5
2.6
V
Conductor Through Hole
─
8.7
─
mm
Sensitivity
WCS1600
IP= +-10 A
17
20
23
mV/A
Bandwidth
BW
-
23
-
kHz
Measurable Current Range
WCS1600
Vdd=5V (DC )
-
±100
-
A
Vdd=5V (AC RMS )
-
70
-
Temperature Drift
△Vout
Ip =0 A
-
±0.3
-
mV/℃
1.All output-voltage measurements are made with a voltmeter having an input impedance of at least 100kΩ
2. Do not apply any load on output pin, it will degrade IC’s performance.
Package Information:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com