Electronic Components Datasheet Search
  English  ▼

X  

LTC2444 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2444
Description  24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2444 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2444 Datasheet HTML 3Page - Linear Technology LTC2444 Datasheet HTML 4Page - Linear Technology LTC2444 Datasheet HTML 5Page - Linear Technology LTC2444 Datasheet HTML 6Page - Linear Technology LTC2444 Datasheet HTML 7Page - Linear Technology LTC2444 Datasheet HTML 8Page - Linear Technology LTC2444 Datasheet HTML 9Page - Linear Technology LTC2444 Datasheet HTML 10Page - Linear Technology LTC2444 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC2444/LTC2445/
LTC2448/LTC2449
7
2444589fb
TEST CIRCUITS
FU CTIO AL BLOCK DIAGRA
Figure 1. Functional Block Diagram
1.69k
SDO
2440 TA03
Hi-Z TO VOH
VOL TO VOH
VOH TO Hi-Z
CLOAD = 20pF
1.69k
SDO
2440 TA04
Hi-Z TO VOL
VOH TO VOL
VOL TO Hi-Z
CLOAD = 20pF
VCC
APPLICATIO S I FOR ATIO
CONVERTER OPERATION
Converter Operation Cycle
The LTC2444/LTC2445/LTC2448/LTC2449 are multi-
channel, high speed, delta-sigma analog-to-digital con-
verters with an easy to use 3- or 4-wire serial interface (see
Figure 1). Their operation is made up of three states. The
converter operating cycle begins with the conversion,
followed by the low power sleep state and ends with the
data output/input (see Figure 2). The 4-wire interface
consists of serial data input (SDI), serial data output
(SDO), serial clock (SCK) and chip select (CS). The inter-
face, timing, operation cycle and data out format is com-
patible with Linear’s entire family of
∆Σconverters.
Figure 2. LTC2444/LTC2445/LTC2448/LTC2449
State Transition Diagram
AUTOCALIBRATION
AND CONTROL
DIFFERENTIAL
3RD ORDER
∆Σ MODULATOR
DECIMATING FIR
ADDRESS
INTERNAL
OSCILLATOR
SERIAL
INTERFACE
GND
VCC
CH0
CH1
•
•
•
CH15
COM
IN+
IN–
MUX
SDO
SCK
REF+
REF –
CS
SDI
FO
(INT/EXT)
2444 F01
+
–
CONVERT
SLEEP
CHANNEL SELECT
SPEED SELECT
DATA OUTPUT
POWER UP
IN+=CH0, IN–=CH1
OSR=256,1X MODE
2444 F02
CS = LOW
AND
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com