Electronic Components Datasheet Search
  English  ▼

X  

LTC2444 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2444
Description  24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2444 Datasheet(HTML) 1 Page - Linear Technology

  LTC2444 Datasheet HTML 1Page - Linear Technology LTC2444 Datasheet HTML 2Page - Linear Technology LTC2444 Datasheet HTML 3Page - Linear Technology LTC2444 Datasheet HTML 4Page - Linear Technology LTC2444 Datasheet HTML 5Page - Linear Technology LTC2444 Datasheet HTML 6Page - Linear Technology LTC2444 Datasheet HTML 7Page - Linear Technology LTC2444 Datasheet HTML 8Page - Linear Technology LTC2444 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC2444/LTC2445/
LTC2448/LTC2449
1
2444589fb
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
■ High Speed Multiplexing
■
Weight Scales
■ Auto Ranging 6-Digit DVMs
■ Direct Temperature Measurement
■
High Speed Data Acquisition
■ Up to 8 Differential or 16 Single-Ended Input
Channels
■ Up to 8kHz Output Rate
■ Up to 4kHz Multiplexing Rate
■ Selectable Speed/Resolution
■ 2
µVRMS Noise at 1.76kHz Output Rate
■ 200nVRMS Noise at 13.8Hz Output Rate with
Simultaneous 50/60Hz Rejection
■ Guaranteed Modulator Stability and Lock-Up
Immunity for any Input and Reference Conditions
■ 0.0005% INL, No Missing Codes
■ Autosleep Enables 20
µA Operation at 6.9Hz
■ <5
µV Offset (4.5V < VCC < 5.5V, –40°C to 85°C)
■ Differential Input and Differential Reference with
GND to VCC Common Mode Range
■ No Latency Mode, Each Conversion is Accurate Even
After a New Channel is Selected
■ Internal Oscillator—No External Components
■ LTC2445/LTC2449 Include MUXOUT/ADCIN for
External Buffering or Gain
■ Tiny QFN 5mm x 7mm Package
24-Bit High Speed
8-/16-Channel
∆Σ ADCs with
Selectable Speed/Resolution
The LTC
®2444/LTC2445/LTC2448/LTC2449 are 8-/16-
channel (4-/8-differential) high speed 24-bit No Latency
∆ΣTM ADCs. They use a proprietary delta-sigma architec-
ture enabling variable speed/resolution. Through a simple
4-wire serial interface, ten speed/resolution combinations
6.9Hz/280nVRMS to 3.5kHz/25µVRMS (4kHz with external
oscillator) can be selected with no latency between con-
version results or shift in DC accuracy (offset, full-scale,
linearity, drift). Additionally, a 2X speed mode can be
selected enabling output rates up to 7kHz (8kHz if an
external oscillator is used) with one cycle latency.
Any combination of single-ended or differential inputs can
be selected with a common mode input range from ground
to VCC, independent of VREF. While operating in the 1X
speed mode the first conversion following a new speed,
resolution, or channel selection is valid. Since there is no
settling time between conversions, all 8 differential chan-
nels can be scanned at a rate of 500Hz. At the conclusion
of each conversion, the converter is internally reset elimi-
nating any memory effects between successive conver-
sions and assuring stability of the high order delta-sigma
modulator.
, LTC and LT are registered trademarks of Linear Technology Corporation.
LTC2444/LTC2448
Speed vs RMS Noise
Simple 24-Bit Variable Speed Data Acquisition System
SDI
SCK
SDO
CS
FO
REF+
VCC
4.5V TO 5.5V
1
µF
COM
REF –
GND
THERMOCOUPLE
VARIABLE SPEED/
RESOLUTION
DIFFERENTIAL
24-BIT
∆Σ ADC
16-CHANNEL
MUX
+
–
2444 TA01
4-WIRE
SPI INTERFACE
LTC2448
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
(SIMULTANEOUS 50Hz/60Hz
REJECTION AT 6.9Hz OUTPUT RATE)
CH0
CH1
•
•
•
•
•
•
CH7
CH8
CH15
CONVERSION RATE (Hz)
1
0.1
1
10
100
10
100
2440 TA02
1000
10000
2.8
µV AT 880Hz
280nV AT 6.9Hz
(50/60Hz REJECTION)
VCC = 5V
VREF = 5V
VIN
+ = V
IN
– = 0V
2X SPEED MODE
NO LATENCY MODE
No Latency
∆Σ is a trademark of Linear Technology Corporation.


Similar Part No. - LTC2444

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2444 LINER-LTC2444 Datasheet
261Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2444C LINER-LTC2444C Datasheet
261Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2444CUHF LINER-LTC2444CUHF Datasheet
261Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2444I LINER-LTC2444I Datasheet
261Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2444IUHF LINER-LTC2444IUHF Datasheet
261Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
More results

Similar Description - LTC2444

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7824 AD-AD7824 Datasheet
270Kb / 16P
LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
1/03-Data Sheet changed from REV. E to REV. F.
logo
Linear Technology
LTC2444 LINER-LTC2444 Datasheet
261Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2440 LINER-LTC2440 Datasheet
301Kb / 28P
24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
LTC2446 LINER-LTC2446 Datasheet
311Kb / 28P
24-Bit High Speed 8-Channel ?誇 ADCs with Selectable Multiple Reference Inputs
LTC2440 LINER-LTC2440_15 Datasheet
367Kb / 28P
24-Bit High Speed Differential ADC with Selectable Speed/Resolution
LTC2445 LINER-LTC2445_15 Datasheet
307Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2446 LINER-LTC2446_15 Datasheet
317Kb / 28P
24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
LTC2447 LINER-LTC2447_15 Datasheet
317Kb / 28P
24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
LTC2448 LINER-LTC2448_15 Datasheet
307Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2449 LINER-LTC2449_15 Datasheet
307Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com