Electronic Components Datasheet Search
  English  ▼

X  

WSH413 Datasheet(PDF) 2 Page - Winson Semiconductor Corp.

Part # WSH413
Description  Hall Effect Sensor IC with Thermal Lock Protection and Auto Restart Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSH413 Datasheet(HTML) 2 Page - Winson Semiconductor Corp.

  WSH413 Datasheet HTML 1Page - Winson Semiconductor Corp. WSH413 Datasheet HTML 2Page - Winson Semiconductor Corp. WSH413 Datasheet HTML 3Page - Winson Semiconductor Corp. WSH413 Datasheet HTML 4Page - Winson Semiconductor Corp. WSH413 Datasheet HTML 5Page - Winson Semiconductor Corp. WSH413 Datasheet HTML 6Page - Winson Semiconductor Corp. WSH413 Datasheet HTML 7Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
WSH413
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2015/5/5
Name
P/I/O
Pin#
Description
VDD
P
1
Positive Power Supply
Vss
P
2
Ground
PS
I
3
PWM Input Pin
OUT2
O
4
Output Pin 2
OUT1
O
5
Output Pin 1
Pin Descriptions: SIP-4L
Name
P/I/O
Pin#
Description
Vcc
P
1
Positive Power Supply
OUT1
O
2
Output Pin #1
OUT2
O
3
Output Pin #2
Vss
P
4
Ground
Absolute Maximum Rating (at Ta=25˚ C)
Supply Voltage
Vcc --------------------------
36V
Output / FG breakdown Voltage
Vout/Vfg ---------------------
46V
Magnetic flux density
B
--------------------------
Unlimited
Reverse Protection Voltage
Vr
--------------------------
36V
Output Current
continuous
Ic
--------------------------
350mA
Hold current
Ih
-------------------------
500mA
Peak current
Ip
-------------------------
1.0A
Operating Temperature Range
Ta
--------------------------
(-20
˚C to +100˚C)
Storage Temperature Range
Ts
--------------------------
(-65
˚C to +150˚C)
Package Power Dissipation
Pd
--------------------------
350mw for SOT-25
500mw for SIP-4L
Electrical Characteristics:
(T=+25
˚C, Vcc=2.8V to 36V)
Characteristic
Symbol Test Conditions
Min
Typ
Max Units
Supply Voltage
Vcc
─
2.8
─
36
V
Output Saturation
Voltage
Vout(sat) Vcc=24V, Ic=200mA
B > Bop
─
0.75
1.0
V
Output Leakage
Current
Ileakage Vcc=24V, B < Brp
─
<0.1
10
uA
Supply Current
Isupply Vcc=24V, Output &
FG Open
─
5
10
mA
Output / FG Rising
Time
Tr
Vcc=12V, RL=820Ω
CL=20Pf
─
3.0
10
us
Output / FG Falling
Time
Tf
Vcc=12V, RL=820Ω
CL=20Pf
─
0.3
1.5
us



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com