Electronic Components Datasheet Search
  English  ▼

X  

WSH413 Datasheet(PDF) 3 Page - Winson Semiconductor Corp.

Part # WSH413
Description  Hall Effect Sensor IC with Thermal Lock Protection and Auto Restart Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSH413 Datasheet(HTML) 3 Page - Winson Semiconductor Corp.

  WSH413 Datasheet HTML 1Page - Winson Semiconductor Corp. WSH413 Datasheet HTML 2Page - Winson Semiconductor Corp. WSH413 Datasheet HTML 3Page - Winson Semiconductor Corp. WSH413 Datasheet HTML 4Page - Winson Semiconductor Corp. WSH413 Datasheet HTML 5Page - Winson Semiconductor Corp. WSH413 Datasheet HTML 6Page - Winson Semiconductor Corp. WSH413 Datasheet HTML 7Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
WSH413
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2015/5/5
Function Block:
Magnetic Characteristics:
Characteristics
Symbol
Quantity
Ta= -20
˚C to +100˚C
Min
Typ.
Max
Unit
Operate Point
Bop
Grade A
Grade B
Grade C
25
50
30
70
50
120
Gauss
Release Point
Brp
Grade A
Grade B
Grade C
-70
-25
-100
-30
-120
-50
Gauss
Hysteresis Window
Bop-Brp
40
200 Gauss
Ordering Information:
SIP- 4L: WSH413-XPAN□
Elec. Grade
SIP-4L :
SOT-25: WSH413-XPDN□
1: A Grade (50 Gauss)
2: B Grade (70 Gauss)
3: C Grade (120 Gauss)
Elec. Grade
SOT-25:
N: Non-lead Process
1: A Grade (50 Gauss)
2: B Grade (70 Gauss)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com