Electronic Components Datasheet Search
  English  ▼

X  

AM-145PIN Datasheet(PDF) 1 Page - Tyco Electronics

Part # AM-145PIN
Description  High Performance Amplifier, 11dB Gain 10 - 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-145PIN Datasheet(HTML) 1 Page - Tyco Electronics

  AM-145PIN Datasheet HTML 1Page - Tyco Electronics AM-145PIN Datasheet HTML 2Page - Tyco Electronics AM-145PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n 2.5 dB Typical Midband Noise Figure
n +19 dBm Typical Midband Output Power
n +37 dBm Typical Midband Third Order Intercept
Description
M/A-COM’s AM-145 is a coupler feedback amplifier with
high intercept and compression points. The use of coupler
feedback minimizes noise figure and current in a high
intercept amplifier. This amplifier is packaged in a TO-8
package. Due to the internal power dissipation the thermal
rise minimized. The ground plane on the PC board should
be configured to remove heat from under the package.
AM-145 are ideally suited for use where a high intercept,
high reliability amplifier is required.
High Performance Amplifier,
11 dB Gain, 10 - 1000 MHz
TO-8-1
C-32
Absolute Maximum Ratings
1
1. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
Max. Input Power
+10 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
V 3.00


Similar Part No. - AM-145PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-145PIN MACOM-AM-145PIN Datasheet
261Kb / 3P
High Performance Amplifier, 11dB Gain 10 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-145PIN MA-COM-AM-145PIN Datasheet
89Kb / 3P
High Performance Amplifier, 11 dB Gain, 10 - 1000 MHz
More results

Similar Description - AM-145PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-132 MACOM-AM-AMC-132 Datasheet
86Kb / 3P
High Performance Amplifier, 10 dB Gain, 5 - 200 MHz
AM-AMC-136 MACOM-AM-AMC-136 Datasheet
255Kb / 3P
High Performance Amplifier, 20 dB Gain, 10 - 200 MHz
AM-AMC-140 MACOM-AM-AMC-140 Datasheet
255Kb / 3P
High Performance Amplifier, 29 dB Gain, 10 - 200 MHz
AM-AMC-146 MACOM-AM-AMC-146 Datasheet
242Kb / 3P
High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
AM-123 MACOM-AM-123 Datasheet
270Kb / 3P
High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-145 MACOM-AM-145 Datasheet
261Kb / 3P
High Performance Amplifier, 11dB Gain 10 - 1000 MHz
AM-146 MACOM-AM-146 Datasheet
267Kb / 3P
High Performance Amplifier, 21dB Gain 10 - 500 MHz
logo
M/A-COM Technology Solu...
AM-123 MA-COM-AM-123 Datasheet
79Kb / 3P
High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-145 MA-COM-AM-145 Datasheet
89Kb / 3P
High Performance Amplifier, 11 dB Gain, 10 - 1000 MHz
AM-146 MA-COM-AM-146 Datasheet
78Kb / 3P
High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com