Electronic Components Datasheet Search
  English  ▼

X  

AM-145PIN Datasheet(PDF) 3 Page - Tyco Electronics

Part # AM-145PIN
Description  High Performance Amplifier, 11dB Gain 10 - 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-145PIN Datasheet(HTML) 3 Page - Tyco Electronics

  AM-145PIN Datasheet HTML 1Page - Tyco Electronics AM-145PIN Datasheet HTML 2Page - Tyco Electronics AM-145PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High Performance Amplifier, 11 dB Gain, 10 - 1000 MHz
AM-/AMC-145
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
Typical Performance Curves
Noise Figure
3
1 dB Compression
Intermodulation Intercept
Gain vs. Frequency
VSWR vs. Frequency
Ordering Information
Part Number
Package
AM-145 PIN
4
TO-8-1
AMC-145 SMA
Connectorized
4. Mounting kit part number AU00071 required for PCB
applications.
16
17
18
19
20
10
20
50
100
300
500
700
900
1100
1300
Frequency (MHz)
1.0
1.5
2.0
2.5
3.0
10
20
50
100
300
500
700
900
1100
1300
Frequency (MHz)
RF IN
RF OUT
2
3
4
5
6
10
20
50
100
300
500
700
900
1100
1300
Frequency (MHz)
+85°C
+25°C
30
40
50
60
10
20
50
100
300
500
700
900
1100
1300
Frequency (MHz)
IP2 (f1+f2)
IP2 (f1-f2)
IP3
10
11
12
13
10
20
50
100
300
500
700
900
1100
1300
Frequency (MHz)
+85°C
+25°C
-55°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com