Electronic Components Datasheet Search
  English  ▼

X  

M50FG Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # M50FG
Description  High Voltage Diodes - Axial Lead 10mA - 100mA ??200ns ??Hermetic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

M50FG Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  M50FG Datasheet HTML 1Page - Voltage Multipliers Inc. M50FG Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
41
3
0
2
4
6
8
10
12
14
16
0
0.5
1
1.5
2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
0
0.1
0.2
0.3
0.4
0.5
0.1
1
10
100
1000
25
50
75
100
125
150
0
50
100
150
200
250
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
Lead Temperature (°C)
Forward Current (A)
Temperature (°C)
Reverse Bias Voltage (V)
Temperature (°C)
Forward Current (A)
POWER DERATING
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
TYPICAL REVERSE RECOVERY TIME
VS. TEMPERATURE
TYPICAL JUNCTION CAPACITANCE
VS. REVERSE VOLTAGE AT 25°C
M25FG M50FG M100FG M160FG
L=0.200"
L=0.100"
L=0.000"
L=0.300"
L=0.400"
L=0.500"
M25FG
M50FG
M100FG
M160FG
M50FG
M25FG
M160FG
M100FG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com