Electronic Components Datasheet Search
  English  ▼

X  

M50FG Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # M50FG
Description  High Voltage Diodes - Axial Lead 10mA - 100mA ??200ns ??Hermetic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

M50FG Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  M50FG Datasheet HTML 1Page - Voltage Multipliers Inc. M50FG Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40
Dimensions: In. (mm)
All temperatures are ambient unless otherwise noted.
Data subject to change without notice.
Tel:
559.651.1402
Fax:
559.651.0740
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
8711 W. Roosevelt Ave.
Visalia, CA 93291 USA
Voltage Multipliers Inc.
VOLTAGE MULTIPLIERS INC.
t
r
a
P
r
e
b
m
u
N
g
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
d
r
a
w
r
o
F
e
g
a
t
l
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
3
(
)
r
r
T
(
l
a
m
r
e
h
T
e
c
n
a
d
e
p
m
I
θ L-
J
n
o
i
t
c
n
u
J
.
p
a
C
C
D
V
0
5
@
Z
H
k
1
@
)
j
C
(
)
1
(
C
°
5
5)
2
(
C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
20
0
0
=
L5
2
1
.
=
L0
5
2
.
=
LC
°
5
2
s
t
l
o
VA
mA
mA
µA
µs
t
l
o
VA
ms
p
m
As
p
m
As
nW
/
C
°W
/
C
°W
/
C
°F
p
G
F
5
2
M
G
F
0
5
M
G
F
0
0
1
M
G
F
0
6
1
M
0
0
5
2
0
0
0
5
0
0
0
0
1
0
0
0
6
1
0
0
1
0
5
5
2
0
1
0
5
5
2
2
1
5
1
.
0
1
.
0
1
.
0
1
.
0
0
1
0
1
0
1
0
1
0
.
6
0
.
8
0
.
3
1
0
.
5
3
5
2
5
2
5
2
0
1
0
.
8
0
.
4
0
.
2
0
.
1
3
.
1
8
.
0
4
.
0
2
.
0
0
0
2
0
0
2
0
0
2
0
0
2
8
1
8
1
8
1
3
3
0
3
0
3
0
3
5
4
0
5
0
5
0
5
5
6
0
.
2
0
.
1
5
.
0
5
.
0
High Voltage Diodes - Axial Lead
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
10mA - 100mA • 200ns • Hermetic
(1)TL=55°C L=0.375" (2)TL=100°C L=0.375" (3)If=12.5mA, Ir=25mA, Irr=6.3mA *Op.Temp.= -65°C to +175°C Stg.Temp.= -65°C to +200°C
t
r
a
PA
G
F
5
2
M
.
X
A
M
)
8
0
.
5
(
0
0
2
.
G
F
0
5
M
.
X
A
M
)
2
7
.
5
(
5
2
2
.
G
F
0
0
1
M
.
X
A
M
)
2
6
.
7
(
0
0
3
.
G
F
0
6
1
M
.
X
A
M
)
9
8
.
8
(
0
5
3
.


Similar Part No. - M50FG

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
M50FG VMI-M50FG Datasheet
96Kb / 2P
2,500 V - 16,000 V Rectifiers 10 mA - 100 mA Forward Current 200 ns Recovery Time
logo
New Jersey Semi-Conduct...
M50FG NJSEMI-M50FG Datasheet
98Kb / 2P
HIGH VOLTAGE RECTIFIERS
M50FG NJSEMI-M50FG Datasheet
98Kb / 2P
HIGH VOLTAGE RECTIFIERS
More results

Similar Description - M50FG

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
1N6521 VMI-1N6521_13 Datasheet
142Kb / 2P
High Voltage Diodes - Axial Lead 100mA - 500mA ??70ns ??Hermetic ??JANTX ??JANTXV
K25F VMI-K25F_13 Datasheet
139Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??200ns ??Axial Leaded
M25SG VMI-M25SG_13 Datasheet
98Kb / 2P
High Voltage Diodes - Axial Lead 10mA - 100mA ??3000ns ??Hermetic
M160UFGHT VMI-M160UFGHT_13 Datasheet
90Kb / 2P
High Voltage High Temp Diode - Axial Lead 10mA ??100ns
X25FG VMI-X25FG_13 Datasheet
99Kb / 2P
High Voltage Diodes - Axial Lead 25mA - 250mA ??200ns ??Hermetic
X25SG VMI-X25SG_13 Datasheet
99Kb / 2P
High Voltage Diodes - Axial Lead 25mA - 250mA ??3000ns ??Hermetic
X25UFG VMI-X25UFG_13 Datasheet
99Kb / 2P
High Voltage Diodes - Axial Lead 25mA - 250mA ??100ns ??Hermetic
Z25FG VMI-Z25FG_13 Datasheet
97Kb / 2P
High Voltage Diodes - Axial Lead 300mA - 1500mA ??200ns ??Hermetic
Z25SG VMI-Z25SG_13 Datasheet
97Kb / 2P
High Voltage Diodes - Axial Lead 300mA - 1500mA ??3000ns ??Hermetic
Z25UFG VMI-Z25UFG_13 Datasheet
98Kb / 2P
High Voltage Diodes - Axial Lead 300mA - 1500mA ??100ns ??Hermetic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com