Electronic Components Datasheet Search
  English  ▼

X  

LTC2122 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2122
Description  Dual 14-Bit 170Msps ADC with JESD204B Serial Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2122 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2122 Datasheet HTML 17Page - Linear Technology LTC2122 Datasheet HTML 18Page - Linear Technology LTC2122 Datasheet HTML 19Page - Linear Technology LTC2122 Datasheet HTML 20Page - Linear Technology LTC2122 Datasheet HTML 21Page - Linear Technology LTC2122 Datasheet HTML 22Page - Linear Technology LTC2122 Datasheet HTML 23Page - Linear Technology LTC2122 Datasheet HTML 24Page - Linear Technology LTC2122 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
LTC2122
21
2122fa
For more information www.linear.com/LTC2122
APPLICATIONS INFORMATION
Figure 10. AC Coupled DEVCLK Drive
VDD
LTC2122
PECL OR
LVDS INPUT
2122 F10
1.2V
10k
10k
100
0.1µF
0.1µF
DEVCLK+
DEVCLK–
Power Down Modes
Thepowerdownmodesarecontrolledthroughregister1of
the SPI interface. The two ADC channels may be powered
down separately, simultaneously, or the entire device may
be placed in sleep mode to conserve power. The “PDA”
and “PDB” SPI register bits are used to power down each
ADC channel individually while keeping the internal clock
and reference circuits active. “SLEEP” powers down the
entire device, resulting in < 5mW power consumption.
The amount of time required to recover from sleep mode
dependsonthesizeofthebypasscapacitoronVREF.Forthe
suggested value of 2.2µF, the A/D will stabilize after 0.1ms
+ 2500 • tp where tp is the period of the sampling clock.
Nap Mode
In "NAP” mode both ADC cores are powered down while
the internal clock circuits, reference circuits, and serial
Table 1. Output Codes vs Input Voltage
AIN+ – AIN–(1.5V RANGE)
OF
D13-D0
(OFFSET BINARY)
>0.75V
+0.75V
+0.749908V
1
0
0
11 1111 1111 1111
11 1111 1111 1111
11 1111 1111 1110
+0.0000915V
+0.000000V
–0.0000915V
–0.0001831V
0
0
0
0
10 0000 0000 0001
10 0000 0000 0000
01 1111 1111 1111
01 1111 1111 1110
–0.7499084V
–0.75V
< –0.75V
0
0
1
00 0000 0000 0001
00 0000 0000 0000
00 0000 0000 0000
interface stay active, allowing faster wake-up. While in nap
mode the data at the output of the each ADC is forced to
zero. The SPI and the serial test patterns are fully func-
tional in nap mode, so any test pattern may be selected
through the SPI. Recovering from nap mode requires at
least 100 clock cycles.
JESD204B Overview
JESD204B is a JEDEC standard that defines a high speed
serial interface for data converters. The advantages of
serialization include the simplification of printed circuit
board (PCB) layout through the reduction of traces on
the PCB. JESD204B solves several problems associated
with serial data transmission, such as the identification
of the start of a sample and the proper alignment of data
arriving on multiple lanes.
JESD204B devices encode the parallel data using industry
standard 8B/10B code-groups (IEEE 802.3-2002, section 3).
There is an overhead requirement of 2 bits for every 8
encoded bits (8 bits are encoded to 10 bits), but encoding
theADCdatapriortoserializationprovidescertainbenefits
which make the transmitted data more suitable for serial
transmission: These benefits include DC balance (for AC
coupling),andRun-LengthLimiting(providingasufficient
number of transitions for the receiver to extract the clock
from the data with a Phase-Locked Loop).
Figures 11 and 12 illustrate the transformation of ADC
sampleddatainto10-bitcode-groupspriortotransmission.
The code-groups are formed into frames and multiframes.
FortheLTC2122,therearetwopossiblelaneconfigurations:
1) One lane mode (both ADCs multiplexed to one lane) at
up to 6.0Gbps per lane (up to 150Msps).
2) Two lane mode (one lane per ADC) operating at up to
3.4Gbps per lane.
SYNC~ Signal
In addition to the high speed serial lanes, JESD204B
requires the use of a SYNC~ (active low) signal. The
SYNC~ signal originates from the receiver and serves as
a request to the LTC2122 that synchronization is required
(JESD204B 4.9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com