Electronic Components Datasheet Search
  English  ▼

X  

LTC2122 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC2122
Description  Dual 14-Bit 170Msps ADC with JESD204B Serial Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2122 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC2122 Datasheet HTML 35Page - Linear Technology LTC2122 Datasheet HTML 36Page - Linear Technology LTC2122 Datasheet HTML 37Page - Linear Technology LTC2122 Datasheet HTML 38Page - Linear Technology LTC2122 Datasheet HTML 39Page - Linear Technology LTC2122 Datasheet HTML 40Page - Linear Technology LTC2122 Datasheet HTML 41Page - Linear Technology LTC2122 Datasheet HTML 42Page - Linear Technology LTC2122 Datasheet HTML 43Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
LTC2122
39
2122fa
For more information www.linear.com/LTC2122
APPLICATIONS INFORMATION
Register A8: JESD204B Subclass Modes (Address 08h)
D7-D5
D4
D3
D2-D0
R–1[2:0]
Alert
TX_SYNC
SUBCLASSV[2:0]
Bits 7-5
R–1 [2:0]
Subclass 1 Alert mode De-arming Length. Default value is 000 (R = 1). Measured in Multiframe Periods
Bit 4
Alert
Subclass 1 Alert Mode. First Pulse Arms, Second Pulse (and later) are Active
0 = Alert Mode Disabled (Default Setting)
1 = Alert Mode Enabled
Bit 3
TX_SYNC
A Multiframe of K28.5 Commas are Transmitted If Multiframe Position Changes
0 = Transmitter Induced Synchronization Disabled (Default Setting)
1 = Transmitter Induced Synchronization Enabled
Bits 2-0
SUBCLASSV[2:0]
000 = JESD204B Subclass 0 (Default Setting)
001 = JESD204B Subclass 1 (Deterministic Latency Obtained Using SYSYSREF)
010 = JESD204B Subclass 2 (Deterministic Latency Obtained Using SYNC~ Rising Edge)
Register A9: Periodic Test Patterns (Address 09h)
D7
D6
D5
D4
D3
D2-D0
X
X
X
X
X
PAT[2:0]
Bits 7-3
Unused Bits
Bits 2-0
PAT[2:0]
000 = Normal ADC Data
001 = K28.5 Pattern (SYNC Comma)
010 = K28.7 Pattern (…1111100000…)
011 = D21.5 Pattern (…1010101010…)
100 = PRBS15 Pattern (1+x14+x15)
101 = Lane Alignment Sequence
110 = Test Samples Sequence
111 = Modified RPAT Pattern
Register A10: CML Output Magnitude (Address 0Ah)
D7
D6
D5
D4
D3
D2
D1-D0
X
X
X
X
X
X
CMLBIAS[1:0]
Bits 7-2
Unused Bits
Bits 1-0
CMLBIAS[1:0] Affects All CML Outputs
00 = 10mA (250mV)
01 = 12mA (300mV)
10 = 14mA (350mV)
11 = 16mA (400mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com