Electronic Components Datasheet Search
  English  ▼

X  

SPJ100S Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # SPJ100S
Description  High Voltage Rectifier Stacks 50mA ??3000ns ??Axial Leaded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

SPJ100S Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  SPJ100S Datasheet HTML 1Page - Voltage Multipliers Inc. SPJ100S Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
75
Dimensions: In. (mm)
All temperatures are ambient unless otherwise noted.
Data subject to change without notice.
Tel:
559.651.1402
Fax:
559.651.0740
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
8711 W. Roosevelt Ave.
Visalia, CA 93291 USA
Voltage Multipliers Inc.
VOLTAGE MULTIPLIERS INC.
8
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
0.0
0.01
0.02
0.03
0.04
0.05
0.06
25
50
75
100
125
150
0.1
1
10
100
1000
25
50
75
100
125
150
Ambient Temperature (°C)
Forward Current (A)
Temperature (°C)
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
SPJ100S SPJ200S SPJ300S SPJ400S
MAXIMUM FORWARD CURRENT
VS. TEMPERATURE
SPJ400S
SPJ300S
SPJ200S
SPJ100S



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com