Electronic Components Datasheet Search
  English  ▼

X  

SPJ100S Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # SPJ100S
Description  High Voltage Rectifier Stacks 50mA ??3000ns ??Axial Leaded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

SPJ100S Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  SPJ100S Datasheet HTML 1Page - Voltage Multipliers Inc. SPJ100S Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
74
Dimensions: In. (mm)
All temperatures are ambient unless otherwise noted.
Data subject to change without notice.
Tel:
559.651.1402
Fax:
559.651.0740
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
8711 W. Roosevelt Ave.
Visalia, CA 93291 USA
Voltage Multipliers Inc.
VOLTAGE MULTIPLIERS INC.
r
e
b
m
u
N
t
r
a
Pg
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
)
l
i
o
n
i
(
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
e
g
a
t
l
o
V
d
r
a
w
r
o
F
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
1
(
)
r
r
T
(
e
s
a
C
h
t
g
n
e
L
)
L
(
C
°
5
5C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
2
s
t
l
o
VA
mA
mA
µA
µs
t
l
o
VA
ms
p
m
As
p
m
As
n.
n
i
S
0
0
1
J
P
S
S
0
0
2
J
P
S
S
0
0
3
J
P
S
S
0
0
4
J
P
S
0
0
0
0
1
0
0
0
0
2
0
0
0
0
3
0
0
0
0
4
0
5
0
5
0
5
0
5
0
3
0
3
0
3
0
3
0
5
.
0
0
5
.
0
0
5
.
0
0
5
.
0
0
2
0
2
0
2
0
2
0
1
0
2
0
3
0
4
0
1
0
1
0
1
0
1
5
5
5
5
1
1
1
1
0
0
0
3
0
0
0
3
0
0
0
3
0
0
0
3
0
0
.
1
5
1
.
1
5
6
.
1
0
1
.
2
High Voltage Rectifier Stacks
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
(1)Trr Testing: If=125mA, Ir=250mA, Irr=63mA *Op. Temp.= -55°C to +150°C Stg. Temp.= -55°C to +150°C
50mA • 3000ns • Axial Leaded


Similar Part No. - SPJ100S

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
SPJ100S VMI-SPJ100S Datasheet
35Kb / 2P
10,000 V - 45,000 V Rectifier Stacks 0.05 A Forward Current 3000 ns Recovery Time
More results

Similar Description - SPJ100S

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
SP25UF VMI-SP25UF Datasheet
71Kb / 1P
High Voltage Rectifier Stacks
logo
New Jersey Semi-Conduct...
SP25UF NJSEMI-SP25UF Datasheet
100Kb / 1P
High Voltage Rectifier Stacks
logo
SUNMATE electronic Co.,...
HVM5 SUNMATE-HVM5 Datasheet
45Kb / 1P
0.35A Axial Leaded High Voltage Rectifier
R2500F SUNMATE-R2500F Datasheet
276Kb / 2P
0.2A Axial Leaded High Voltage Rectifier
R1200F SUNMATE-R1200F Datasheet
246Kb / 2P
0.2/0.5A Axial Leaded High Voltage Rectifier
logo
Voltage Multipliers Inc...
FP50S VMI-FP50S_13 Datasheet
141Kb / 2P
High Voltage Rectifier Stacks 2.2A ??3000ns ??Axial Leaded
FP50UF VMI-FP50UF Datasheet
141Kb / 2P
High Voltage Rectifier Stacks 2.2A ??70ns ??Axial Leaded
K25S VMI-K25S_13 Datasheet
101Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??3000ns ??Axial Leaded
SP50UF VMI-SP50UF_13 Datasheet
95Kb / 2P
High Voltage Rectifier Stacks 0.5A ??70ns ??Axial Leaded
SPJ100F VMI-SPJ100F_13 Datasheet
89Kb / 2P
High Voltage Rectifier Stacks 50mA ??70ns ??Axial Leaded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com