Electronic Components Datasheet Search
  English  ▼

X  

RB162MM-40 Datasheet(PDF) 3 Page - Rohm

Part # RB162MM-40
Description  Schottky Barrier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB162MM-40 Datasheet(HTML) 3 Page - Rohm

  RB162MM-40 Datasheet HTML 1Page - Rohm RB162MM-40 Datasheet HTML 2Page - Rohm RB162MM-40 Datasheet HTML 3Page - Rohm RB162MM-40 Datasheet HTML 4Page - Rohm RB162MM-40 Datasheet HTML 5Page - Rohm RB162MM-40 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB162MM-40
lElectrical Characteristic Curves
170
175
180
185
190
195
200
205
210
215
220
AVE. : 181pF
T
j=25°C
f=1MHz
V
R=0V
n=20pcs
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
j=25°C
V
R=40V
n=30pcs
AVE. : 1.2
mA
0
5
10
15
20
25
30
35
AVE. :7.8ns
T
j=25°C
I
F=0.5A
I
R=1.0A
I
rr / IR=0.25
n=20pcs
0
50
100
150
200
250
300
350
400
AVE. : 64A
8.3ms
I
FSM
1cyc
T
a=25°C
I
R DISPERSION MAP
C
t DISPERSION MAP
I
FSM DISPERSION MAP
t
rr DISPERSION MAP
3/5
2014.08 - Rev.A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com