Electronic Components Datasheet Search
  English  ▼

X  

RB162MM-40 Datasheet(PDF) 4 Page - Rohm

Part # RB162MM-40
Description  Schottky Barrier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB162MM-40 Datasheet(HTML) 4 Page - Rohm

  RB162MM-40 Datasheet HTML 1Page - Rohm RB162MM-40 Datasheet HTML 2Page - Rohm RB162MM-40 Datasheet HTML 3Page - Rohm RB162MM-40 Datasheet HTML 4Page - Rohm RB162MM-40 Datasheet HTML 5Page - Rohm RB162MM-40 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB162MM-40
lElectrical Characteristic Curves
10
100
1000
1
10
100
10
100
1000
1
10
100
I
FSM
time
T
a=25°C
1cyc
8.3
IFSM
1cyc
ms
8.3
ms
T
a=25°C
NUMBER OF CYCLES
I
FSM-CYCLE CHARACTERISTICS
TIME : t(ms)
I
FSM-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT : I
o(A)
I
o-PF CHARACTERISTICS
REVERSE VOLTAGE : V
R(V)
V
R-PR CHARACTERISTICS
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
D = 1/2
DC
Sin(
θ=180)
T
j = 150°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1
1.5
2
D = 1/2
DC
Sin(
θ=180)
T
j = 150°C
4/5
2014.08 - Rev.A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com