Electronic Components Datasheet Search
  English  ▼

X  

DBM-177 Datasheet(PDF) 2 Page - RF Micro Devices

Part # DBM-177
Description  Low Level TO-8 Packaged Double Balanced Mixer 5MHz to 1500MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

DBM-177 Datasheet(HTML) 2 Page - RF Micro Devices

  DBM-177 Datasheet HTML 1Page - RF Micro Devices DBM-177 Datasheet HTML 2Page - RF Micro Devices DBM-177 Datasheet HTML 3Page - RF Micro Devices DBM-177 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131107
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 4
DBM-177
Absolute Maximum Ratings
Parameter
Rating
Unit
Operating Temperature Range
-54 to +100
°C
X-Port Input Current
50
mA
Total Input Power at 25°C
200
mW
Total Input Power (Derated Linearly) at 100°C
50
mW
Specifications guaranteed with IF from DC to 500MHz. For higher IF frequencies, consult IF
response curve for typical roll-off.
Environmental conditions: All units are designed to meet their specifications between -54°C and
+100°C and after exposure to any or all of the following tests per MIL-STD-202E.
Thermal Shock: Method 107D, Test Condition B
Altitude: Method 105C, Test Condition G
H.F. Vibration: Method 204C, Test Condition D
Mechanical Shock: Method 213B, Test Condition C
Random Vibration (15 minutes per axis): Method 214, Test Condition IIF
Solderability: Method 208C
Terminal Strength: Method 211A, Test Condition C
Resistance to Soldering Heat: Method 210A, Test Condition B
Sealed units meet the requirements of Method 106D of MIL-STD-202E when exposed to
humidity.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
LO +7dBm (High side LO), RF -10dBm, IF 100MHz
Operating Frequency Range
L Port
5
1500
MHz
R Port
5
1500
MHz
X Port
DC
1400
MHz
Specifications guaranteed with IF from DC to 500MHz. For higher IF frequencies, consult IF response curve for typical roll-off.
For best performance do not rely on the ground pin alone for grounding. The above performance is guaranteed with the base surface of the header
grounded to the circuit board ground plane. Use of the conductive epoxy or a mechanical clip is recommended.
Frequency Bands
5MHz to 50MHz (dB)
50MHz to 700MHz (dB)
700MHz to 1500MHz (dB)
Conversion Loss
8.5
7.0
10.0
L-R Isolation
45
30
20
L-X Isolation
40
25
17
R-X Isolation
35
20
10
Specifications guaranteed with IF from DC to 500MHz. For higher IF frequencies, consult IF response curve for typical roll-off.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com