Electronic Components Datasheet Search
  English  ▼

X  

DBM-177 Datasheet(PDF) 4 Page - RF Micro Devices

Part # DBM-177
Description  Low Level TO-8 Packaged Double Balanced Mixer 5MHz to 1500MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

DBM-177 Datasheet(HTML) 4 Page - RF Micro Devices

  DBM-177 Datasheet HTML 1Page - RF Micro Devices DBM-177 Datasheet HTML 2Page - RF Micro Devices DBM-177 Datasheet HTML 3Page - RF Micro Devices DBM-177 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131107
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 4
DBM-177
Package Drawing (Dimensions in millimeters)
Material: header: F15 kovar per ASTM Standard F-15-68, (chemical composition per MIL-STD-1276, type K); cover: nickel 200 per
ASTM B162-58T; leads: kovar, chemical composition per MIL-STD-1276, type K; seals: glass
Finish: header and leads: nickel per QQ-N-290, class II; cover: nickel per ASTM B162-58T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com