Electronic Components Datasheet Search
  English  ▼

X  

DBM-183 Datasheet(PDF) 2 Page - RF Micro Devices

Part # DBM-183
Description  High Level Subminiature Flatpack Double Balanced Mixer 10MHz to 4000MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

DBM-183 Datasheet(HTML) 2 Page - RF Micro Devices

  DBM-183 Datasheet HTML 1Page - RF Micro Devices DBM-183 Datasheet HTML 2Page - RF Micro Devices DBM-183 Datasheet HTML 3Page - RF Micro Devices DBM-183 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131104
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 4
DBM-183
Absolute Maximum Ratings
Parameter
Rating
Unit
Operating Temperature Range
-54 to +100
°C
Total Input Power at 25°C
400
mW
Total Input Power (Derated Linearly) at 100°C
100
mW
Specifications guaranteed with IF from 50 to 400MHz. For higher IF frequencies, consult IF
response curve for typical roll-off.
Environmental conditions: All units are designed to meet their specifications between -54°C and
+100°C and after exposure to any or all of the following tests per MIL-STD-202E.
Thermal Shock: Method 107D, Test Condition B
Altitude: Method 105C, Test Condition G
H.F. Vibration: Method 204C, Test Condition D
Mechanical Shock: Method 213B, Test Condition C
Random Vibration (15 minutes per axis): Method 214, Test Condition IIF
Solderability: Method 208C
Terminal Strength: Method 211A, Test Condition C
Resistance to Soldering Heat: Method 210A, Test Condition B
Sealed units meet the requirements of Method 106D of MIL-STD-202E when exposed to
humidity.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
LO +13dBm (High side LO), RF -10dBm, IF 100MHz
Operating Frequency Range
L Port
10
4000
MHz
R Port
10
4000
MHz
X Port
5
4000
MHz
Specifications guaranteed with IF from 50 to 400MHz. For higher IF frequencies, consult IF response curve for typical roll-off.
Frequency Bands
10MHz to 50MHz (dB)
50MHz to 1000MHz (dB)
1000MHz to 2500MHz (dB)
2500MHz to 4000MHz (dB)
Conversion Loss
8.5
8.0
8.5
10.5
L-R Isolation
25
27
25
20
L-X Isolation
15
20
20
20
R-X Isolation
15
20
25
15
Specifications guaranteed with IF from 50 to 400MHz. For higher IF frequencies, consult IF response curve for typical roll-off.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com