Electronic Components Datasheet Search
  English  ▼

X  

DBM-183 Datasheet(PDF) 1 Page - RF Micro Devices

Part # DBM-183
Description  High Level Subminiature Flatpack Double Balanced Mixer 10MHz to 4000MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

DBM-183 Datasheet(HTML) 1 Page - RF Micro Devices

  DBM-183 Datasheet HTML 1Page - RF Micro Devices DBM-183 Datasheet HTML 2Page - RF Micro Devices DBM-183 Datasheet HTML 3Page - RF Micro Devices DBM-183 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131104
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 4
DBM-183
High Level Subminiature Flatpack Double Balanced Mixer
10MHz to 4000MHz
DBM-183 is a high performance double balanced mixer that offers
extremely wide bandwidth while maintaining a high intercept point and
isolations. The IF port is typically down only 1 dB at 4 GHz making it an
ideal up/downconvertor in wideband applications. The linearity is
virtually constant over the entire bandwidth due to unique transformer
design and the use of beam lead Schottky diodes. The subminiature
package is sealed, RFI shielded, and constructed to withstand severe
environment.
Each DBM-183
is individually tested to RFMD’s demanding quality and
performance specifications.
Functional Schematic
Package: Flatpack
Features
■
L and R Ports: 10MHz to 4000MHz
Operation
■
X Port: 5MHz to 4000MHz
■
High Intercept Point and Isolations,
Wide Bandwidth
■
RFI Shielded, Constructed to
Withstand Severe Environments
Applications
■
Milcom
■
Electronic Warfare
■
Industrial, Scientific, Medical
■
Aerospace Avionics
■
Military and Civilian Radar
■
Satellite Communications
Ordering Information
Contact RFMD authorized sales agent or factory.
DBM-183


Similar Part No. - DBM-183

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBM-182 ETC1-DBM-182 Datasheet
118Kb / 2P
LOW LEVEL SUBVINIATURE FLATPACK DOUBLE BALANCED MIXER 600~2000 MHz
logo
RF Micro Devices
DBM-184 RFMD-DBM-184 Datasheet
450Kb / 4P
Subminiature Flatpack Double Balanced Mixer 2MHz to 3000MHz
More results

Similar Description - DBM-183

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-156 MACOM-MD-156 Datasheet
191Kb / 2P
Flatpack Double-Balanced Mixer, 0.6 - 3 GHz
logo
List of Unclassifed Man...
DBM-182 ETC1-DBM-182 Datasheet
118Kb / 2P
LOW LEVEL SUBVINIATURE FLATPACK DOUBLE BALANCED MIXER 600~2000 MHz
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
DBM-700H ETC2-DBM-700H Datasheet
2Mb / 2P
High Level Subminiature Mismatch Insensitive Flatpack Double Balanced Mixer 1-3500 MHz
logo
Tyco Electronics
MD-123 MACOM-MD-123 Datasheet
167Kb / 3P
Double-Balanced Mixer, 10Mhz - 3 GHz
logo
SIRENZA MICRODEVICES
DBM-700 SIRENZA-DBM-700 Datasheet
113Kb / 2P
High Level Subminiature Mismatch Insensitive Flatback double Balanced Mixer 1-3500 MHz
logo
M/A-COM Technology Solu...
MD-156 MA-COM-MD-156 Datasheet
63Kb / 3P
Flatpack Double-Balanced Mixer, 0.6 - 3 GHz
MD-156_V4 MA-COM-MD-156_V4 Datasheet
71Kb / 3P
Flatpack Double-Balanced Mixer,
logo
RF Micro Devices
DBM-143 RFMD-DBM-143 Datasheet
347Kb / 4P
Subminiature Flatpack Double Balanced Mixer 10MHz to 1500MHz
DBM-184 RFMD-DBM-184 Datasheet
450Kb / 4P
Subminiature Flatpack Double Balanced Mixer 2MHz to 3000MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com