Electronic Components Datasheet Search
  English  ▼

X  

EDF-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # EDF-2
Description  E-Series Diplexer 5-1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

EDF-2 Datasheet(HTML) 1 Page - Tyco Electronics

  EDF-2 Datasheet HTML 1Page - Tyco Electronics EDF-2 Datasheet HTML 2Page - Tyco Electronics EDF-2 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Note *: Flatness is defined as any response change within a 10 MHz frequency span therefore the flatness
spec is intended to mean that no change of 0.5dB, within a 10 MHz frequency span anywhere in the pass
band of a diplex filter will be permitted.
1
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency Range
Low Pass Cutoff
Loss Pass Reject
High Pass Cutoff
5-1000
MHz
42
MHz
54
MHz
54
MHz
-
-
-
-
-
-
-
-
-
-
-
-
Insertion Loss
Low Pass (PassBand)
Low Pass (StopBand)
Low Pass (StopBand)
High Pass (StopBand)
High Pass (PassBand)
5-42
MHz
54-1500
MHz
500-1000 MHz
5-42
MHz
54-1000
MHz
dB
dB
dB
dB
dB
-
45
38
45
-
0.5
50
40
50
0.5
1.0
-
-
-
1.1
Insertion Loss Flatness
5-42
MHz
54-1000
MHz
dB
dB
-
-
-
-
0.5
0.5
Return Loss Input Port
Return Loss Low Pass Port
Return Loss High Pass Port
5-42
MHz
54-700
MHz
700-1000 MHz
5-42
MHz
54-700
MHz
700-1000 MHz
dB
dB
dB
dB
dB
dB
18
18
16
18
18
16
21
21
18
21
21
18
-
-
-
-
-
-
-
Features
•
Surface Mount
•
Impedance 75 Ohms Nominal
Description
M/A-COM’s EDF-2 is a Low Cost, Non Hermetically Sealed
Diplex Filter unit designed for CATV applications.
Electrical Specifications @ 25
°°°°C
E-Series Diplexer
5-1000 MHz
Note: Specifications subject to change without notice.
SM-85 Package
0.03
MAX
0.35
16
10
(9.0)
BOTTOM VIEW
(0.8)
14
15
13
11
12
EC
(5.13)
0.202
16X
20
17
(30.0)
1.20
19
18
16
ORIENTATION DOT
3
2
1
5
4
6
17
18
19
20
12 3
9
7
8
10
14
15
(30.0)
13
1.20
11
12
(30.86)
1.215
(30.86)
1.215
20X
0.078
(4.00)
1.980
(2.00)
9
8
7
6
4 5
20X
4X (5.19)
(5.13)
0.202
16X
0.204
Rev E


Similar Part No. - EDF-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EDF-2E MACOM-EDF-2E Datasheet
77Kb / 3P
E-Series Diplexer 5-1000 MHz
More results

Similar Description - EDF-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EDF-2E MACOM-EDF-2E Datasheet
77Kb / 3P
E-Series Diplexer 5-1000 MHz
EMDC-10-1-75 MACOM-EMDC-10-1-75 Datasheet
57Kb / 1P
E-Series Coupler 5 - 1000 MHz
EMDC-10-1 MACOM-EMDC-10-1 Datasheet
57Kb / 1P
E-Series Coupler 5 - 1000 MHz
EMDC-13-2 MACOM-EMDC-13-2 Datasheet
57Kb / 1P
E-Series Coupler 5 - 1000 MHz
EMDC-17-1-75 MACOM-EMDC-17-1-75 Datasheet
57Kb / 1P
E-Series Coupler 5 - 1000 MHz
MAFLCT0032 MACOM-MAFLCT0032 Datasheet
158Kb / 4P
Broadband CATV Diplexer 5 - 1000 MHz
EMDC-10-1 MACOM-EMDC-10-1_1 Datasheet
56Kb / 2P
E-Series Coupler 5-1000 MHz
ESDC-17-3-75 MACOM-ESDC-17-3-75 Datasheet
104Kb / 1P
E-Series Coupler 5-1000 MHz
MAFLES0018 MACOM-MAFLES0018 Datasheet
142Kb / 4P
Broadband CATV Diplexer 5 - 1000 MHz
logo
M/A-COM Technology Solu...
EMDC-10-1 MA-COM-EMDC-10-1 Datasheet
45Kb / 2P
E-Series Coupler 5 - 1000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com