Electronic Components Datasheet Search
  English  ▼

X  

EDF-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # EDF-2
Description  E-Series Diplexer 5-1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

EDF-2 Datasheet(HTML) 3 Page - Tyco Electronics

  EDF-2 Datasheet HTML 1Page - Tyco Electronics EDF-2 Datasheet HTML 2Page - Tyco Electronics EDF-2 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Operating/Storage Temperature
-20
° C to +85° C
Function
Pin No.
Input
18
Low Pass
9
High Pass
7
Ground
1-6,8.10-17.19,20
Not Connected
-
Additional Specifications
Group Delay (nSec)
36.8-40 MHz =12ns
51-57 MHz =10ns
Functional Configuration
EDF-2
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
Rev E
Absolute Maximum Ratings



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com