Electronic Components Datasheet Search
  English  ▼

X  

RF2052TR13 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2052TR13
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2052TR13 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2052TR13 Datasheet HTML 1Page - RF Micro Devices RF2052TR13 Datasheet HTML 2Page - RF Micro Devices RF2052TR13 Datasheet HTML 3Page - RF Micro Devices RF2052TR13 Datasheet HTML 4Page - RF Micro Devices RF2052TR13 Datasheet HTML 5Page - RF Micro Devices RF2052TR13 Datasheet HTML 6Page - RF Micro Devices RF2052TR13 Datasheet HTML 7Page - RF Micro Devices RF2052TR13 Datasheet HTML 8Page - RF Micro Devices RF2052TR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4 of 37
RF2052
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VDD)
-0.5 to +3.6
V
Input Voltage (VIN), any Pin
-0.3 to VDD+0.3
V
RF/IF Mixer Input Power
+15
dBm
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
ESD Requirements
Human Body Model
General
2000
V
RF Pins
1000
V
Machine Model
General
200
V
RF Pins
100
V
Operating Conditions
Supply Voltage (VDD)
2.7
3.0
3.6
V
Temperature (TOP)
-40
+85
°C
Logic Inputs/Outputs
VDD=Supply to DIG_VDD pin
Input Low Voltage
-0.3
+0.5
V
Input High Voltage
VDD / 1.5
VDD
V
Input Low Current
-10
+10
uA
Input=0V
Input High Current
-10
+10
uA
Input=VDD
Output Low Voltage
0
0.2*VDD
V
Output High Voltage
0.8*VDD
VDD
V
Load Resistance
10
k
Load Capacitance
20
pF
Static
Programmable Supply Current
(IDD)
Low Current Setting
55
mA
High Linearity Setting
75
mA
Standby
3
mA
Reference oscillator and bandgap only.
Power Down Current
140
AENBL=0 and REF_STBY=0
Mixer
Mixer output driving 4:1 balun.
Gain
-2
dB
Not including balun losses.
Noise Figure
Low Current Setting
9.5
dB
High Linearity Setting
12
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com