Electronic Components Datasheet Search
  English  ▼

X  

RF2052TR13 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2052TR13
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2052TR13 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2052TR13 Datasheet HTML 3Page - RF Micro Devices RF2052TR13 Datasheet HTML 4Page - RF Micro Devices RF2052TR13 Datasheet HTML 5Page - RF Micro Devices RF2052TR13 Datasheet HTML 6Page - RF Micro Devices RF2052TR13 Datasheet HTML 7Page - RF Micro Devices RF2052TR13 Datasheet HTML 8Page - RF Micro Devices RF2052TR13 Datasheet HTML 9Page - RF Micro Devices RF2052TR13 Datasheet HTML 10Page - RF Micro Devices RF2052TR13 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7 of 37
RF2052
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Characteristics: Synthesizer and VCO - VDD=3V, TA=25°C unless stated, as measured on RF2052
evaluation board, for application schematic see page 34.
VCO2 Open Loop Phase Noise
-160
-140
-120
-100
-80
-60
-40
-20
1
10
100
1000
10000
Offset Frequency (kHz)
2000MHz
1800MHz
1600MHz
VCO3 Open Loop Phase Noise
-160
-140
-120
-100
-80
-60
-40
-20
1
10
100
1000
10000
Offset Frequency (kHz)
1600MHz
1400MHz
1200MHz
VCO1 Open Loop Phase Noise
-160
-140
-120
-100
-80
-60
-40
-20
1
10
100
1000
10000
Offset Frequency (kHz)
2400MHz
2200MHz
2000MHz
VCO1 FVCO versus VT
for the same coarse tune setting
2045
2050
2055
2060
2065
2070
2075
2080
2085
2090
2095
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VT (V)
-40
80
VCO2 Tuning Gain versus Frequency
0
5
10
15
20
25
30
35
40
1500
1600
1700
1800
1900
2000
2100
FVCO (MHz)
VCO1 Tuning Gain versus Frequency
0
5
10
15
20
25
30
35
40
45
50
1900
2000
2100
2200
2300
2400
2500
FVCO (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com