Electronic Components Datasheet Search
  English  ▼

X  

RF2861 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2861
Description  CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2861 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2861 Datasheet HTML 1Page - RF Micro Devices RF2861 Datasheet HTML 2Page - RF Micro Devices RF2861 Datasheet HTML 3Page - RF Micro Devices RF2861 Datasheet HTML 4Page - RF Micro Devices RF2861 Datasheet HTML 5Page - RF Micro Devices RF2861 Datasheet HTML 6Page - RF Micro Devices RF2861 Datasheet HTML 7Page - RF Micro Devices RF2861 Datasheet HTML 8Page - RF Micro Devices RF2861 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3 of 15
RF2861
DS120220
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Mixer - CDMA/JCDMA/FM
IF tune set for high mixer gain, nominal IIP3
Gain
13.0
dB
Noise Figure
7.5
dB
184MHz IF (NF = 8.3dB, 85MHz IF)
Input IP3
+6.5
dBm
LO to RF Isolation
36
dB
LO = 1064MHz
Cascade - High Gain
Current
25
30
mA
TX LO Buffer Off
Cellular CDMA Band
JCDMA Band, cont’d
Other
LO-IF Isolation
30
dB
LO = 1064MHz
RF-IF Isolation
45
dB
LNA Out to Mixer In Isolation
45
dB
LO-LNA In Isolation, Any State
40
dB
LO = 1064MHz
Control Lines
Input Capacitance
1
pF
G1, G2, ENABLE, TX BUFF ENABLE
Local Oscillator Input
Cellular - CDMA or FM
Input Power
-10
-4
0
dBm
Input Frequency
685
710
MHz
IF = 184MHz
1053
1078
MHz
IF = 184MHz
784
809
MHz
IF = 85MHz
954
979
MHz
IF = 85MHz
Cellular - JCDMA
Input Power
-10
-4
0
dBm
Input Frequency
722
760
MHz
IF = 110MHz
942
980
MHz
IF = 110MHz
CDMA450
Input Power
-10
-4
0
dBm
Input Frequency
505
575
MHz
IF = 85MHz
CDMA450 Band
Freq = 463MHz to 467MHz
LNA (High Gain)
LNA 50
 match
Gain
15.0
dB
Noise Figure
1.4
dB
Input IP3
+8.0
dBm
Current
8.7
mA
Isolation
18.5
dB
LNA (Mid Gain)
Gain
+2.5
dB
Noise Figure
2.9
dB
Input IP3
+14.0
dBm
Current
4.7
mA
Isolation
12.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com