Electronic Components Datasheet Search
  English  ▼

X  

RF2861 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2861
Description  CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2861 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2861 Datasheet HTML 1Page - RF Micro Devices RF2861 Datasheet HTML 2Page - RF Micro Devices RF2861 Datasheet HTML 3Page - RF Micro Devices RF2861 Datasheet HTML 4Page - RF Micro Devices RF2861 Datasheet HTML 5Page - RF Micro Devices RF2861 Datasheet HTML 6Page - RF Micro Devices RF2861 Datasheet HTML 7Page - RF Micro Devices RF2861 Datasheet HTML 8Page - RF Micro Devices RF2861 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4 of 15
RF2861
DS120220
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
LNA (Low Gain)
Gain
-4.0
dB
Noise Figure
4.0
dB
Input IP3
+25.0
dBm
Current
0
mA
Isolation
1.0
dB
Mixer
IF tune set for high mixer gain, nominal IIP3
Gain
12.0
dB
Noise Figure
7.5
dB
Input IP3
5.0
dBm
LO to RF Isolation
36
dB
LO = 549MHz
CDMA450 Isolation
LO-IF Isolation
25
dB
LO = 549MHz
RF-IF Isolation
40
dB
LNA Out to Mixer In Isolation
40
dB
LO-LNA In Isolation, Any State
30
dB
LO = 549MHz
TX (Local Oscillator) Buffer
Output
Cellular - CDMA or FM
Output Power
-7
-5
-3
dBm
Single-ended 50
 load
Output Frequency
685
710
MHz
IF = 184MHz
1053
1078
MHz
IF = 184MHz
784
809
MHz
IF = 85MHz
954
979
MHz
IF = 85MHz
Current Consumption
2
mA
Cellular - JCDMA
Output Power
-7
-5
-3
dBm
Single-ended 50
 load
Output Frequency
722
760
MHz
IF = 110MHz
942
980
MHz
IF = 110MHz
Current Consumption
2
mA
CDMA450
Output Power
-7
-5
-3
dBm
Single-ended 50
 load
Output Frequency
505
575
MHz
IF = 85MHz
Current Consumption
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com