Electronic Components Datasheet Search
  English  ▼

X  

RF5122 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5122
Description  3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5122 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5122 Datasheet HTML 1Page - RF Micro Devices RF5122 Datasheet HTML 2Page - RF Micro Devices RF5122 Datasheet HTML 3Page - RF Micro Devices RF5122 Datasheet HTML 4Page - RF Micro Devices RF5122 Datasheet HTML 5Page - RF Micro Devices RF5122 Datasheet HTML 6Page - RF Micro Devices RF5122 Datasheet HTML 7Page - RF Micro Devices RF5122 Datasheet HTML 8Page - RF Micro Devices RF5122 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
1
2
8
7
5
6
4
3
Bias Circuit
Input
Match
Interstage
Match
Output
Match
Power
Detector
RF IN
VREG
VC2
RF OUT
RF5122
3V TO 3.6V, 2.4GHz TO 2.5GHz
LINEAR POWER AMPLIFIER
The RF5122 is a linear, medium-power, high-efficiency, two-stage amplifier IC
designed specifically for battery-powered WiFi applications such as PC cards, mini
PCI, and compact flash applications. The device is manufactured on an advanced
InGaP Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has
been designed for use as the final RF amplifier in 2.5GHz OFDM and other spread-
spectrum transmitters. The device is provided in a 2.2mmx2.2mm, 8-pin, QFN with
a backside ground. The RF5122 is designed to maintain linearity over a wide range
of supply voltages and power outputs. The RF5122 also has built-in power detector
and incorporates the input, interstage, and output matching components internally
which reduces the component count used externally and makes it easier to incorpo-
rate on any design.
Features
Single Power Supply 3.0V to
3.6V
24.5dB Minimum Gain
Input and Output Matched to
50
2400MHz to 2500MHz Fre-
quency Range
+18dBm @ <2.5% typ EVM,
120mA @ 3.3VCC
Applications
IEEE802.11b/g/n WiFi Appli-
cations
2.5GHz ISM Band Applica-
tions
Commercial and Consumer
Systems
Portable Battery-Powered
Equipment
Spread-Spectrum and MMDS
Systems
RF5122
Standard 25 piece bag
RF5122SR
Standard 100 piece reel
RF5122TR7
Standard 2500 piece reel
RF5122PCK-410
Fully assembled evaluation board tuned for 2.4GHz to
2.5GHz and 5 loose sample pieces
DS110617
Package Style: QFN, 8-Pin, 2.2mmx2.2mmx0.6mm


Similar Part No. - RF5122

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5125 RFMD-RF5125 Datasheet
261Kb / 12P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5125PCBA-41X RFMD-RF5125PCBA-41X Datasheet
261Kb / 12P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
LINEAR POWER AMPLIFIER
More results

Similar Description - RF5122

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
RF Micro Devices
RF5125 RFMD-RF5125 Datasheet
261Kb / 12P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5222 RFMD-RF5222 Datasheet
216Kb / 8P
3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5622 RFMD-RF5622 Datasheet
79Kb / 2P
3.0V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5322 RFMD-RF5322 Datasheet
691Kb / 12P
3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722 RFMD-RF5722 Datasheet
599Kb / 10P
3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
WiFi Power Amplifier 2.4GHz to 2.5GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com