Electronic Components Datasheet Search
  English  ▼

X  

RF5322SR Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5322SR
Description  3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5322SR Datasheet(HTML) 3 Page - RF Micro Devices

  RF5322SR Datasheet HTML 1Page - RF Micro Devices RF5322SR Datasheet HTML 2Page - RF Micro Devices RF5322SR Datasheet HTML 3Page - RF Micro Devices RF5322SR Datasheet HTML 4Page - RF Micro Devices RF5322SR Datasheet HTML 5Page - RF Micro Devices RF5322SR Datasheet HTML 6Page - RF Micro Devices RF5322SR Datasheet HTML 7Page - RF Micro Devices RF5322SR Datasheet HTML 8Page - RF Micro Devices RF5322SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 of 12
RF5322
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Temperature=+25°C, VCC=3.3V,
VREG=2.8V pulsed at 1% to 100% duty cycle,
Frequency=2450MHz,
circuit per evaluation board schematic, unless
otherwise specified
Frequency cont.
2.40
2.50
GHz
IEEE802.11g
IEEE802.11n
ACP1
-35
-30
dBc
20dBm and 1Mbps
ACP2
-54
-50
dBc
20dBm and 1Mbps
Notes:
*The EVM specification is obtained with a signal generator that has an EVM floor of less than 0.7%.
**The PA must operate with gated bias voltage input at 1% to 99% duty cycles without any EVM or other parameter degradation.
Note 2: For best harmonic rejection please refer to the harmonic rejection application schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com