Electronic Components Datasheet Search
  English  ▼

X  

RF5322SR Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5322SR
Description  3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5322SR Datasheet(HTML) 4 Page - RF Micro Devices

  RF5322SR Datasheet HTML 1Page - RF Micro Devices RF5322SR Datasheet HTML 2Page - RF Micro Devices RF5322SR Datasheet HTML 3Page - RF Micro Devices RF5322SR Datasheet HTML 4Page - RF Micro Devices RF5322SR Datasheet HTML 5Page - RF Micro Devices RF5322SR Datasheet HTML 6Page - RF Micro Devices RF5322SR Datasheet HTML 7Page - RF Micro Devices RF5322SR Datasheet HTML 8Page - RF Micro Devices RF5322SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 of 12
RF5322
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
1RF IN
RF input. Input is matched to 50
 and DC block is provided internally.
2VREG
Bias current control voltage for the first and second amplifier stage.
3PDETECT
Power detector which provides an output voltage proportional to the RF
output power level. May need external decoupling capacitor for stability.
May need external circuitry to bring output voltage to desired level.
4N/C
Must be left as no connect, not grounded.
5RF OUT
RF output. Output is matched to 50
 and DC block is provided internally.
6VC2
Voltage supply for the second amplifier stage.
7VC1
Voltage supply for the first amplifier stage.
8VCC
Supply voltage for the bias reference and control circuit. May be connected
with VC1 and VC2 (with a single supply voltage) as long as VCC does not
exceed +4.5VDC in this configuration.
Pkg
Base
GND
The center metal base of the QFN package provides DC and RF ground as
well as heat sink for the amplifier.
VCC
Input
Match
Interstage
Match
VCC2
Output
Match
RF OUT
0.05
0.00
0.152
REF
0.50
0.40
-C-
SEATING
PLANE
INDEX
AREA
-B-
-A-
2.20
2.20
2 PLCS
0.10 C
2 PLCS
0.10 C
0.10
MAX
C AB
0.10 M
0.31
0.21
0.65
0.28
0.18
1.20
1.00
TYP
Dimensions in mm.
Shaded lead is pin 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com