Electronic Components Datasheet Search
  English  ▼

X  

RF5355 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF5355
Description  3.3V, 5GHz LINEAR POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5355 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF5355 Datasheet HTML 3Page - RF Micro Devices RF5355 Datasheet HTML 4Page - RF Micro Devices RF5355 Datasheet HTML 5Page - RF Micro Devices RF5355 Datasheet HTML 6Page - RF Micro Devices RF5355 Datasheet HTML 7Page - RF Micro Devices RF5355 Datasheet HTML 8Page - RF Micro Devices RF5355 Datasheet HTML 9Page - RF Micro Devices RF5355 Datasheet HTML 10Page - RF Micro Devices RF5355 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11 of 11
RF5355
DS110618
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
EVM versus Output Power
VCC=3.3V; VREG=2.85V; Temp=25°C
0
1
2
3
4
5
6
7
8
9
10
02468
10
12
14
16
18
20
Output Power (dBm)
4900 (MHz)
5100 (MHz)
5400 (MHz)
5850 (MHz)
Gain versus Output Power
VCC=3.3V; VREG=2.85V; Temp=25°C
15
17
19
21
23
25
27
29
31
33
35
0
5
10
15
20
Output Power (dBm)
4900 (MHz)
5100 (MHz)
5400 (MHz)
5850 (MHz)
ICC versus Output Power
VCC=3.3V; VREG=2.85V; Temp=25°C
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
Output Power (dBm)
4900 (MHz)
5100 (MHz)
5400 (MHz)
5850 (MHz)
Power Detector versus Output Power
VCC=3.3V; VREG=2.85V; Temp=25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
02
46
8
10
12
14
16
18
20
Output Power (dBm)
4900 (MHz)
5100 (MHz)
5400 (MHz)
5850 (MHz)
IREG versus Output Power
VCC=3.3V; VREG= 2.85V; Temp=25°C
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
0
2
4
6
8
1012
1416
1820
Output Power (dBm)
4900 (MHz)
5100 (MHz)
5400 (MHz)
5850 (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com