Electronic Components Datasheet Search
  English  ▼

X  

RF5506 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5506
Description  5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5506 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5506 Datasheet HTML 1Page - RF Micro Devices RF5506 Datasheet HTML 2Page - RF Micro Devices RF5506 Datasheet HTML 3Page - RF Micro Devices RF5506 Datasheet HTML 4Page - RF Micro Devices RF5506 Datasheet HTML 5Page - RF Micro Devices RF5506 Datasheet HTML 6Page - RF Micro Devices RF5506 Datasheet HTML 7Page - RF Micro Devices RF5506 Datasheet HTML 8Page - RF Micro Devices RF5506 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
RF5506
DS120326
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Logic Control Table
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Receive Parameters
Nominal operating conditions: T=25°C,
VDD=3.3V, PAEN=0V, SWTX=0V,
LNA_EN=3.0V, and SWRX=3.0V unless
otherwise noted.
Compliance
IEEE802.11a/n; FCC CFR 15.45, .205, .209
Nominal Frequency
5.15
5.85
GHz
LNA Voltage Supply (VDD)3.0
4.8
V
Gain
8.5
11
14
dB
Over all nominal operating conditions
Noise Figure
2.8
3.7
dB
Over all nominal operating conditions
Input IP3
+3
+5
dBm
Over all nominal operating conditions
Input 1dB Compression
-5
-2.5
dBm
Return Loss
Input
3
5
dB
Freq=5.15GHz to 5.85GHz; over temp and
supply voltage
Output
8
10
dB
Freq=5.15GHz to 5.85GHz; over temp and
supply voltage
Passband Ripple
-0.5
+0.5
dB
Over 20MHz band
LNA Current
4.5
10
15
mA
Over all nominal operating conditions
RX to TX Isolation
20
dB
Control Parameters
Switch Control Logic HIGH
2.8
4.2
V
SWTX, SWRX
Switch Control Logic LOW
0.2
V
ICTRL-H
30
A
ICTRL-L
30
A
PAEN-H
2.8
3.0
3.6
V
PAEN-L
0.2
V
IPAEN
23.5
mA
LNA Enable Voltage (LNA_EN)
2.8
3.0
3.6
V
LNA enabled
0
0.2
V
LNA disabled
Switch Speed
500
ns
ESD
Human Body Model
400
V
Pin - ground
Charge Device Model
300
V
JESD22-C101
MODE
SWTX
SWRX
PA_EN
LNA_EN
TRANSMIT
HIGH
LOW
HIGH
LOW
RECEIVE
LOW
HIGH
LOW
HIGH



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com