Electronic Components Datasheet Search
  English  ▼

X  

RF5506 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5506
Description  5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5506 Datasheet(HTML) 5 Page - RF Micro Devices

  RF5506 Datasheet HTML 1Page - RF Micro Devices RF5506 Datasheet HTML 2Page - RF Micro Devices RF5506 Datasheet HTML 3Page - RF Micro Devices RF5506 Datasheet HTML 4Page - RF Micro Devices RF5506 Datasheet HTML 5Page - RF Micro Devices RF5506 Datasheet HTML 6Page - RF Micro Devices RF5506 Datasheet HTML 7Page - RF Micro Devices RF5506 Datasheet HTML 8Page - RF Micro Devices RF5506 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 of 9
RF5506
DS120326
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
PCB Pattern
Thermal vias for center slug "B" should be incorporated into
the PCB design. The number and size of thermal vias will
depend on the application, the power dissipation, and the
electrical requirements. Example of the number and size of
vias can be found on the RFMD evaluation board layout.
A = 0.250 x 0.250 (mm)
B = 1.900 x 1.900 (mm)
PCB METAL LAND PATTERN
PCB SOLDER MASK PATTERN
PCB STENCIL PATTERN
B
A = 0.380 x 0.380 (mm)
B = 2.030 x 2.030 (mm)
A = 0.225 x 0.225 (mm)
B = 1.710 x 1.710 (mm)
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
AA
A
A
AA
A
A
A
A
A
A
A
A
A
B
A
AA
A
A
AA
A
A
A
A
A
A
A
A
A
B
4x 1.317
4x 1.317
2x 0.750
2x 0.750
2x 0.250
2x 0.250
0.000
16x 0.242
12x
0.250
4x 1.317
4x 1.317
2x 0.750
2x 0.750
2x 0.250
2x 0.250
0.000
16x
0.112
12x
0.120
4x 1.317
4x 1.317
2x 0.750
2x 0.750
2x 0.250
2x 0.250
0.000
16x 0.350
12x
0.275
Shaded area represents Pin 1 location.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com