Electronic Components Datasheet Search
  English  ▼

X  

RF5611 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5611
Description  3.3V, SWITCH AND LNA FRONT END SOLUTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5611 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5611 Datasheet HTML 1Page - RF Micro Devices RF5611 Datasheet HTML 2Page - RF Micro Devices RF5611 Datasheet HTML 3Page - RF Micro Devices RF5611 Datasheet HTML 4Page - RF Micro Devices RF5611 Datasheet HTML 5Page - RF Micro Devices RF5611 Datasheet HTML 6Page - RF Micro Devices RF5611 Datasheet HTML 7Page - RF Micro Devices RF5611 Datasheet HTML 8Page - RF Micro Devices RF5611 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
RF5611
DS110619
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Top View
Note: Pads are NiPdAu plated.
Pin
Function
Description
1TX IN
RF input for the 802.11b/g PA. TX port includes integrated DC-block and 50
match.
2GND
Ground.
3GND
Ground.
4LNA EN
This pin enables the LNA. A logic HIGH enables the LNA.
5RX OUT
Receive port for 802.11b/g band. RX output includes integrated DC-block and 50
 match.
6VDD
Supply voltage to the LNA.
7GND
Ground.
8BT
RF bidirectional port for BluetoothTM. BT port includes integrated DC-block and 50
 match.
9C BT
BluetoothTM mode control voltage. See switch truth table for proper level.
10
ANT
This is the common port (antenna). Antenna port includes integrated DC-block and 50
match.
11
C RX
Receive mode control voltage. See switch truth table for proper level.
12
C TX
Transmit mode control voltage. See switch truth table for proper level.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com