Electronic Components Datasheet Search
  English  ▼

X  

RF5611 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5611
Description  3.3V, SWITCH AND LNA FRONT END SOLUTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5611 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5611 Datasheet HTML 1Page - RF Micro Devices RF5611 Datasheet HTML 2Page - RF Micro Devices RF5611 Datasheet HTML 3Page - RF Micro Devices RF5611 Datasheet HTML 4Page - RF Micro Devices RF5611 Datasheet HTML 5Page - RF Micro Devices RF5611 Datasheet HTML 6Page - RF Micro Devices RF5611 Datasheet HTML 7Page - RF Micro Devices RF5611 Datasheet HTML 8Page - RF Micro Devices RF5611 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
10
11
12
6
5
4
3
2
1
7
8
9
TX_in
GND
GND
LNA_EN
RX_Out
Vdd
GND
BT
C_BT
ANT
C_RX
C_TX
RF5611
3.3V, SWITCH AND LNA FRONT END SOLUTION
The RF5611 is designed specifically for high-performance WiFi applica-
tions in the 2.4GHz to 2.5GHz ISM band, including Personal Media Play-
ers (PMPs), digital cameras, and WiFi enabled handsets. The RF5611
integrates the LNA with bypass and the SP3T switch of a Front-End solu-
tion for WiFi and Bluetooth® combination systems. The integrated match
and DC blocking capacitors on all RF Ports reduce the number of external
components, keeping cost down and utilizing minimum layout area for
implementation. The RF5611 is provided in a 2mmx2mmx0.5mm, 12-
pin QFN package. This LNA + Switch front-end solution meets or exceeds
the specification requirements of IEEE 802.11 b/g/n WiFi RF systems.
Features
Single Supply Voltage 3.0V to
4.5V
Integrated SP3T Switch and
LNA With Bypass
Typical gain is 12dB and
1.7dB NF in RX Mode Pin-to-
Pin
SP3T Switch Control Voltage
is 2.1V to 4.5V (3.0V Typical)
Applications
IEEE802.11b/g/n WiFi Appli-
cations
Portable Battery-Powered
Equipment
WiFi/Bluetooth®
Combination Devices
RF5611
Standard 25 piece bag
RF5611SR
Standard 100 piece reel
RF5611TR7
Standard 2500 piece reel
RF5611PCK-410
Fully Assembled Evaluation Board
DS110619
Package Style: QFN, 12-pin, 2mmx2mmx0.5mm


Similar Part No. - RF5611

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5616 RFMD-RF5616 Datasheet
1Mb / 13P
3.0V TO 5.0V, 5GHz LINEAR POWER AMPLIFIER
RF5616PCK-410 RFMD-RF5616PCK-410 Datasheet
1Mb / 13P
3.0V TO 5.0V, 5GHz LINEAR POWER AMPLIFIER
RF5616SQ RFMD-RF5616SQ Datasheet
1Mb / 13P
3.0V TO 5.0V, 5GHz LINEAR POWER AMPLIFIER
RF5616SR RFMD-RF5616SR Datasheet
1Mb / 13P
3.0V TO 5.0V, 5GHz LINEAR POWER AMPLIFIER
RF5616TR7 RFMD-RF5616TR7 Datasheet
1Mb / 13P
3.0V TO 5.0V, 5GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5611

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC309MS8 HITTITE-HMC309MS8 Datasheet
171Kb / 6P
2.4 GHz FRONT-END LNA / SWITCH IC
logo
SiGe Semiconductor, Inc...
SE2600S SIGE-SE2600S Datasheet
134Kb / 2P
2.4 GHz WLAN Switch/LNA Front End Preliminary
logo
Hittite Microwave Corpo...
HMC309MS8 HITTITE-HMC309MS8_04 Datasheet
239Kb / 6P
GaAs MMIC 2.4 GHz FRONT-END LNA / SWITCH
logo
RF Micro Devices
RF5501 RFMD-RF5501 Datasheet
2Mb / 10P
3.3 V, SWITCH AND LNA FRONT END SOLUTION
RF5521 RFMD-RF5521 Datasheet
955Kb / 10P
3.3V, SWITCH AND LNA FRONT END MODULE
RF5540 RFMD-RF5540 Datasheet
594Kb / 7P
4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
RFFM5541 RFMD-RFFM5541 Datasheet
152Kb / 7P
4.9GHz to 5.85GHz Switch and LNA Front End Solution
logo
OmniVision Technologies...
OV426 OMNIVISION-OV426 Datasheet
567Kb / 2P
complete imaging front-end solution
logo
Broadcom Corporation.
ALM-2412 BOARDCOM-ALM-2412 Datasheet
265Kb / 13P
GPS LNA-Filter Front-End Module
logo
Qorvo, Inc
RF5540 QORVO-RF5540 Datasheet
594Kb / 7P
4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com