Electronic Components Datasheet Search
  English  ▼

X  

RF5616 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5616
Description  3.0V TO 5.0V, 5GHz LINEAR POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5616 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5616 Datasheet HTML 1Page - RF Micro Devices RF5616 Datasheet HTML 2Page - RF Micro Devices RF5616 Datasheet HTML 3Page - RF Micro Devices RF5616 Datasheet HTML 4Page - RF Micro Devices RF5616 Datasheet HTML 5Page - RF Micro Devices RF5616 Datasheet HTML 6Page - RF Micro Devices RF5616 Datasheet HTML 7Page - RF Micro Devices RF5616 Datasheet HTML 8Page - RF Micro Devices RF5616 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3 of 13
RF5616
DS130516
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Second Harmonic
-30
-27
dBm/MHz
CF=4.9GHz to 5.299GHz, at rated power,
VCC=On, over VREG range, and over -40°C to
+85°C. measured in a 1MHz RBW with 6Mbps
11a signal.
-50
-45
dBm/MHz
CF=5.3GHz to 5.85GHz, at rated power, VCC=On,
over VREG range, and over -40°C to +85°C. Mea-
sured in a 1MHz RBW with 6Mbps 11a signal.
Third Harmonic
-38
-27
dBm/MHz
CF=4.9GHz to 5.15GHz and 5.32GHz to
5.85GHz, at rated power, VCC=On, over full VREG
range and over -40°C to +85°C. Measured in a
1MHz RBW with 6Mbps 11a signal.
-40
-38
dBm/MHz
CF=5.15GHz to 5.32GHz at rated power, VCC=on,
over full VREG range and over -40°C to +85°C.
Measured in a 1MHz RBW with 6Mbps 11a sig-
nal.
Operating Current
250
310
mA
VCC=5.0V, VMODE=Low, POUT=21dBm, over full
VREG and temperature=-40°C to +85°C
Quiescent Current
165
180
mA
VCC=5.0V, VMODE=Low, RF=OFF, over full VREG
and temperature= -40°C to +85°C
Operating Current
200
240
mA
VCC=3.3V, VMODE=Low, POUT=18dBm, over full
VREG and temperature= -40°C to +85°C
Quiescent Current
140
160
mA
VCC=3.3V, VMODE=Low, RF=OFF, over full VREG
and temperature= -40°C to +85°C
IREG
10
15
mA
VCC=ON, over full VREG range and temperature
-40°C to +85°C
Leakage (Shutdown) Current
0.5
2.5
AVCC=ON, over full VREG range and temperature
-40°C to +85°C
Output Power (Mode 2)
8
9
dBm
VCC=ON, VMODE=High, using a standard
IEEE802.11a waveform, 54Mbps, 64QAM
EVM
3
4
%
RMS, mean, 54Mbps at rated power (Mode 2),
VCC=ON, VREG=2.85V, VMODE=High,
temperature= -40°C to +85°C
Gain
24
26
dB
4.9GHz to 5.15GHz
25
27
dB
5.15GHz to 5.85GHz
Gain Variation
2.5
±dB
4.9GHz to 5.85GHz, -40°C to +85°C
Operating Current
120
150
mA
VCC=ON, VMODE=High, at rated power,
temperature= -40°C to +85°C
Quiescent Current
100
120
mA
VCC=ON, VMODE=High, RF=OFF, temperature=
-40°C to +85°C
IREG
12
17
mA
VCC=ON, VMODE=High, over full VREG range, at
rated power and temperature= -40°C to +85°C
Voltage Supply (VCC)3.0
3.3
5.0
V
VREG supply
2.75
2.85
2.95
V
VMODE
2.75
3.3
5.0
V
VMODE Current
100
500
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com