Electronic Components Datasheet Search
  English  ▼

X  

RF5616 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5616
Description  3.0V TO 5.0V, 5GHz LINEAR POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5616 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5616 Datasheet HTML 1Page - RF Micro Devices RF5616 Datasheet HTML 2Page - RF Micro Devices RF5616 Datasheet HTML 3Page - RF Micro Devices RF5616 Datasheet HTML 4Page - RF Micro Devices RF5616 Datasheet HTML 5Page - RF Micro Devices RF5616 Datasheet HTML 6Page - RF Micro Devices RF5616 Datasheet HTML 7Page - RF Micro Devices RF5616 Datasheet HTML 8Page - RF Micro Devices RF5616 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4 of 13
RF5616
DS130516
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
QFN, 16-Pin, 3x3x0.45mm
Pin Names and Descriptions
Pin
Name
Description
1, 2,
4, 11,
12,
13,
14, 15
N/C
Not internally connected.
3RFIN
RF Input Pin, Internally matched to 50
 and DC blocked.
5VREG
First, second, and third stage bias voltage combined on the die to one external voltage. This Pin requires regu-
lated supply for best performance.
6, 7, 8
VCC
Supply voltage for the PA. Internally decoupled with approximately 100pF.
9PDETECT
Power detector voltage is proportional to RF output power. May need external decoupling capacitor for module
stability. May need external circuitry to bring output voltage to desired level.
10
RF OUT
RF output pin. This pin is matched to 50
 internally. This pin has a DC blocking cap from the collector side of
the final stage but it is an RF short at the RF OUT Pins 10 and 12 therefore an external DC blocking capacitor is
needed if DC voltage is presented to the RF OUT pins. See funtional block diagram on the first page for more
details.
16
VMODE
This pin will allow the power amplifier to switch between two modes. The first mode is the mode 1, in which this
pin needs to be logic low or floating. The second mode is mode 2 which allows the power amplifier to be in a low
current and this pin needs to be logic high.
Pkg
Base
GND
Ground connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com