Electronic Components Datasheet Search
  English  ▼

X  

RF5755 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF5755
Description  2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5755 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF5755 Datasheet HTML 6Page - RF Micro Devices RF5755 Datasheet HTML 7Page - RF Micro Devices RF5755 Datasheet HTML 8Page - RF Micro Devices RF5755 Datasheet HTML 9Page - RF Micro Devices RF5755 Datasheet HTML 10Page - RF Micro Devices RF5755 Datasheet HTML 11Page - RF Micro Devices RF5755 Datasheet HTML 12Page - RF Micro Devices RF5755 Datasheet HTML 13Page - RF Micro Devices RF5755 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10 of 15
RF5755
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Theory of Operation
The RF5755 Front End Module (FEM) is designed for WiFi applications in the 2.5GHz ISM band. It can be applied in many por-
table applications such as handsets, personal media players, and portable battery power equipment. This highly integrated
module can be connected directly to the battery without additional voltage regulators.
WiFi TRANSMIT MODE
The RF5755 requires a single positive supply (VCC), a positive supply for switch controls, and a regulated supply for the VREG to
maintain nominal bias current. The RF5755 transmit path has a typical gain of 27dB from 2.4GHz to 2.5GHz, and delivers
20dBm typical output power under 54Mbps OFDM modulation and 23dBm under 1Mbps 11b modulation. The RF5755 con-
tains basic filter components to produce a bandpass response for the transmit path. Due to space constraints inside the mod-
ule, filtering is limited to a few resonant poles and additional filters may be required depending upon the end-user’s
application. While in transmit mode, the active components are the power amplifier (PA) and the Tx branch of the SP3T switch.
Refer to the logic control table for proper settings.
Tx Biasing Instructions
• Connect the Tx input (pin-4) to a signal generator and a spectrum analyzer at the antenna output (pin-11).
•Set VCC to 3.3V with VREG set to 0V.
•Turn VREG on and set voltage to 3.1V. VREG controls the current drawn by the PA and it should quickly reach a quiescent
current of approximately 90mA±20mA. Care must be exercised not to exceed 3.5V on the VREG pin or the part may be
damaged.
• Control bias to the transmit branch of the SP3T switch is tied directly to VREG.
• The SP3T controls for the off branches (C_RX and C_BT) must be set to a logic “low” (0.2V max) or grounded. In the
event that one of these branches is left floating or in a logic “high” the performance of the PA will degrade significantly.
Likewise, unused RF ports must be terminated in 50Ω to simulate actual system conditions and prevent RF signals
from coupling back to the PA.
•Turn RF on.
WiFi RECEIVE MODE
Within the frequency band of operation 2.4GHz to 2.5GHz, the RF5755 WiFi receive path has a typical gain of 16dB and a NF
of 2.1dB with about 10mA of current. In Rx mode, only the Rx branch of the SP3T and the LNA are active. Refer to the logic
control table for proper settings.
Rx Biasing Instructions
• Connect the Rx input (ANT/pin-11) to a signal generator and a spectrum analyzer at the Rx output (pin-2). A VNA may be
used as well.
• Turn the LNA bias on (pin-1) and set the voltage to 3.3V.
• Set C_RX (pin-15) high. This turns on the receive branch of the SP3T.
• The SP3T controls for the off branches (VREG and C_BT) must be set to a logic “low” (0.2V max) or grounded. In the event
that one of these branches is left floating or in a logic “high” the performance will degrade. It is recommended to termi-
nate unused RF Ports in 50Ω.
• Set the control bias for the SPST switch (C_BWRX/pin-16) “low” during WiFi Rx only mode.
•Turn RF on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com