Electronic Components Datasheet Search
  English  ▼

X  

RF5755 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF5755
Description  2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5755 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF5755 Datasheet HTML 7Page - RF Micro Devices RF5755 Datasheet HTML 8Page - RF Micro Devices RF5755 Datasheet HTML 9Page - RF Micro Devices RF5755 Datasheet HTML 10Page - RF Micro Devices RF5755 Datasheet HTML 11Page - RF Micro Devices RF5755 Datasheet HTML 12Page - RF Micro Devices RF5755 Datasheet HTML 13Page - RF Micro Devices RF5755 Datasheet HTML 14Page - RF Micro Devices RF5755 Datasheet HTML 15Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12 of 15
RF5755
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
cised. This will minimize coupling and provide good thermal dissipation when the PA is operating at high power. For reference,
the RFMD evaluation board uses 9 thermal ground vias (hole/capture pad 12/22mil) on the ground slug. Additionally, if space
permitted, VCC and control lines must be isolated from each other with ground vias in between them. RFMD evaluation board
gerbers are available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com