Electronic Components Datasheet Search
  English  ▼

X  

RF5765 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5765
Description  2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5765 Datasheet(HTML) 5 Page - RF Micro Devices

  RF5765 Datasheet HTML 1Page - RF Micro Devices RF5765 Datasheet HTML 2Page - RF Micro Devices RF5765 Datasheet HTML 3Page - RF Micro Devices RF5765 Datasheet HTML 4Page - RF Micro Devices RF5765 Datasheet HTML 5Page - RF Micro Devices RF5765 Datasheet HTML 6Page - RF Micro Devices RF5765 Datasheet HTML 7Page - RF Micro Devices RF5765 Datasheet HTML 8Page - RF Micro Devices RF5765 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5 of 14
RF5765
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Switch Control Logic
*The FEM can be placed in receive WiFi and Bluetooth® modes simultaneously with increased insertion loss.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Other Requirements,
continued
ESD
Human Body Model
500
V
EIA/JESD22-114A RF pins
1000
V
EIA/JESD22-114A DC pins
Charge Device Model
500
V
JESD22-C101C all pins
Note 1: The PA module must operate with gated bias voltage input at 1% to 99% duty cycle.
Note 3: Values to be agreed to upon characterization data review: current, gain, return loss, detector sensitivity and output power.
Note 4: The output power for channels 1 and 11 may be reduced to meet FCC restricted band requirements.
Mode
VREG
C RX
C BT
C BWRx
Standby
LLLL
WiFi TX
H
LLL
WiFi RX
L
H
L
L
WiFi RX/BT*
LH
LH
BT RX
L
L
H
L
BT TX
L
L
H
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com